Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPP30-4824DW Datasheet(PDF) 5 Page - Recom International Power

Part # RPP30-4824DW
Description  30 Watt 4:1 Single Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP30-4824DW Datasheet(HTML) 5 Page - Recom International Power

  RPP30-4824DW Datasheet HTML 1Page - Recom International Power RPP30-4824DW Datasheet HTML 2Page - Recom International Power RPP30-4824DW Datasheet HTML 3Page - Recom International Power RPP30-4824DW Datasheet HTML 4Page - Recom International Power RPP30-4824DW Datasheet HTML 5Page - Recom International Power RPP30-4824DW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-international.com
PP-23
REV: 0/2014
Package Style and Pinning (mm)
3
1
2
5
4
45.70
50.80
dia.
1.0
10.20
10.20
7.6
Bottom View
6
30.5
5.1 +/- 0.9
11.70
5.10
10.20
3.3
Standoff
= 1.3
5.0
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
-Vout
Com
5
Trim
-Vout
6
CTRL
CTRL
POWERLINE+
DC/DC-Converter
RPP30-S_DW
Series
Input Fuse is recommended. Recommended fuse rating = double maximum input current, time delay type.
Input Capacitor, C1, is required to meet EN61000 Surge and Fast Transient, otherwise it is not required for normal operation.
Output Capacitors C2/C3 are recommended, but not required for normal operation. Typical capacitor values are 1µF MLCC
To ensure optimum thermal performance, use large areas of copper on the PCB to assist with heat dissipation and mount the converter vertically.
C1
Fuse
C3
No tracks
in this area
(42 x 30mm)
Top View
C3
C2
Baseplate Case- suggested PCB layout
Ribbed Case (Standard - no Suffix)
Dual Output
Single Output
Recommended PCB Layout


Similar Part No. - RPP30-4824DW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP30-4805SW RECOM-RPP30-4805SW Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RPP30-4812DW RECOM-RPP30-4812DW Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RPP30-4812SW RECOM-RPP30-4812SW Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RPP30-4815DW RECOM-RPP30-4815DW Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RPP30-4815SW RECOM-RPP30-4815SW Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RPP30-4824DW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30E-Z RECOM-REC30E-Z Datasheet
1Mb / 7P
   30 Watt 1“ x 1“ Single & Dual Output
REV.: 0/2023
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
   30 Watt 4:1 Input 2 x 1 Single and Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RPR30-11005S-B RECOM-RPR30-11005S-B Datasheet
587Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11024S-B RECOM-RPR30-11024S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11012S-B RECOM-RPR30-11012S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com