Electronic Components Datasheet Search |
|
8-147095-9 Datasheet(PDF) 79 Page - Tyco Electronics |
|
8-147095-9 Datasheet(HTML) 79 Page - Tyco Electronics |
79 / 98 page 259 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Standard Profile Covers for Double-Row MT Receptacle Assemblies AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 .850 [21.59] Material Black thermoplastic, flame retardant Related Product Data For use on Double-Row MT Receptacle Assemblies — pages 256, 257 Technical Documents — pages 277, 278 Product Specification 108-25015, 108-25018, 108-25030 Application Specification 114-25032 Instruction Sheet 408-6532 .095 [2.41] Typ. .150 [3.81] 1.120 [28.45] .468 [11.89] Assembled* Top View Bottom View 1.120 [28.45] L G - Hermaphroditic Cover (Two hermaphroditic covers can be used or one hermaphroditic cover can be used with an H Ejection Cover.) H - Ejection Cover (Mates with AMP-LATCH universal ejection style pin headers equipped with latching ears, Part No. 102185-2 (with push tabs) or Part No. 102312-2 (without push tabs), see Tyco Electronics Catalog 82012. *Dimension applies to cover when installed on connector housing. Low Profile Covers Standard Profile Covers Front Covers Back Covers No. of Dimension EG H Pos. L ABCD Shielding and F Hermaphroditic Ejection Polarizing Latching Ejection Non-Polarizing Non-Shielding Shielding Applications Applications 6 .300 [7.62] 102540-1 — 102537-1 102541-1 102536-1 — 102396-1 — 8 .400 [10.16] 102540-2 — 102537-2 102541-2 102536-2 — 102396-2 — 10 .500 [12.70] 102540-3 — 102537-3 102541-3 102536-3 — 102396-3 — 12 .600 [15.24] 102540-4 102681-1 102537-4 102541-4 102536-4 102823-5 102396-4 — 14 .700 [17.78] 102540-5 102681-2 102537-5 102541-5 102536-5 102823-6 102396-5 — 16 .800 [20.32] 102540-6 102681-3 102537-6 102541-6 102536-6 102823-7 102396-6 — 18 .900 [22.86] 102540-7 102681-4 102537-7 102541-7 102536-7 102823-1 102396-7 — 20 1.000 [25.40] 102540-8 102681-5 102537-8 102541-8 102536-8 102823-4 102396-8 103268-6 22 1.100 [27.94] 102540-9 102681-6 102537-9 102541-9 102536-9 102823-8 102396-9 — 24 1.200 [30.48] 1-102540-0 102681-7 1-102537-0 1-102541-0 1-102536-0 102823-9 1-102396-0 103268-7 26 1.300 [33.02] 1-102540-1 102681-8 1-102537-1 1-102541-1 1-102536-1 1-102823-0 1-102396-1 103268-8 28 1.400 [35.56] 1-102540-2 102681-9 1-102537-2 1-102541-2 1-102536-2 1-102823-1 1-102396-2 — 30 1.500 [38.10] 1-102540-3 1-102681-0 1-102537-3 1-102541-3 1-102536-3 1-102823-2 1-102396-3 103268-9 32 1.600 [40.64] — 1-102681-1 1-102537-4 1-102541-4 1-102536-4 1-102823-3 1-102396-4 — 34 1.700 [43.18] — 1-102681-2 1-102537-5 1-102541-5 1-102536-5 1-102823-4 1-102396-5 1-103268-0 40 2.000 [50.80] — 1-102681-5 1-102537-8 1-102541-8 1-102536-8 102823-2 1-102396-8 — 50 2.500 [63.50] — 2-102681-0 2-102537-3 2-102541-3 2-102536-3 102823-3 2-102396-3 1-103268-3 60 3.000 [76.20] — — 2-102537-8 2-102541-8 2-102536-8 — 2-102396-8 — 64 3.200 [81.28] — — 3-102537-0 3-102541-0 3-102536-0 — 3-102396-0 — |
Similar Part No. - 8-147095-9 |
|
Similar Description - 8-147095-9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |