Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-147095-0 Datasheet(PDF) 15 Page - Tyco Electronics

Part # 8-147095-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147095-0 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button 8-147095-0 Datasheet HTML 11Page - Tyco Electronics 8-147095-0 Datasheet HTML 12Page - Tyco Electronics 8-147095-0 Datasheet HTML 13Page - Tyco Electronics 8-147095-0 Datasheet HTML 14Page - Tyco Electronics 8-147095-0 Datasheet HTML 15Page - Tyco Electronics 8-147095-0 Datasheet HTML 16Page - Tyco Electronics 8-147095-0 Datasheet HTML 17Page - Tyco Electronics 8-147095-0 Datasheet HTML 18Page - Tyco Electronics 8-147095-0 Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
195
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Receptacle Assemblies, Board Mount, Double-Row,
Closed Entry, .100 x .100 [2.54 x 2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze, plated
as follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area, .000050-
.000100 [0.00127-0.00254] matte tin on
solder area, with entire contact under-
plated .000050 [0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area,
.000050-.000100 [0.00127-0.00254]
matte tin on solder area, with entire con-
tact underplated .000050 [0.00127]
nickel
Related Product Data
Mateable Headers — pages 198, 199
Performance Specifications —
page 194
Technical Documents — page 276
Product Specification
108-25017
Application Specification
114-9009
Additional receptacle assembly
sizes and solder tail lengths
are available; minimum order
quantities may apply. Consult
Tyco Electronics.
Receptacle Assembly Part Nos.
Receptacle Assembly Part Nos.
No. of
Dimensions
with .115 [2.92] Solder Tail Lengths
with .145 [3.68] Solder Tail Lengths
Pos.
AB
Standard Solder Tails
Board Retention Tails
Standard Solder Tails
Plating A
Plating B
Plating A
Plating B
Plating A
12
.858 [21.79]
.500 [12.70]
5-532956-1
5-532955-1
5-534204-2
5-534975-5
5-533009-1
14
.958 [24.33]
.600 [15.24]
7-532955-5
16
1.058 [26.87]
.700 [17.78]
5-532956-2
6-534204-0
6-534975-5
20
1.258 [31.95]
.900 [22.86]
5-532956-3
5-532955-3
5-534204-9
5-534975-6
24
1.458 [37.03]
1.100 [27.94]
5-532956-4
5-532955-4
6-534204-1
5-534975-7
30
1.758 [44.65]
1.400 [35.56]
5-532956-5
5-532955-5
5-534204-4
5-534975-8
5-533009-5
36
2.058 [52.27]
1.700 [43.18]
5-532956-6
5-532955-6
5-534204-3
5-534975-9
40
2.258 [57.35]
1.900 [48.26]
5-532956-7
5-532955-7
6-534204-2
6-534975-0
50
2.758 [70.05]
2.400 [60.96]
5-532956-8
5-532955-8
5-534204-1
6-534975-1
5-533009-8
60
3.258 [82.75]
2.900 [73.66]
5-532956-9
5-532955-9
5-534204-5
6-534975-2
5-533009-9
70
3.758 [95.45]
3.400 [86.36]
6-532956-0
6-532955-0
6-534204-3
6-534975-3
6-533009-0
72
3.858 [97.99]
3.500 [88.90]
6-532956-1
6-532955-1
6-534204-4
80
4.258 [108.15]
3.900 [99.06]
6-532956-2
6-532955-2
5-534204-8
6-534975-4
6-533009-2
86
4.558 [115.77]
4.200 [106.68]
6-532956-3
6-532955-3
6-533009-3
90
4.758 [120.85]
4.400 [111.76]
6-532956-4
6-532955-4
96
5.058 [128.47]
4.700 [119.38]
6-532956-5
6-532955-5
6-534204-5
6-533009-5
100
5.258 [133.55]
4.900 [124.46]
6-532956-6
6-532955-6
5-534204-6
5-534975-1
6-533009-6
110
5.758 [146.25]
5.400 [137.16]
6-532956-7
6-532955-7
6-534204-6
120
6.258 [158.95]
5.900 [149.86]
6-532956-8
6-532955-8
5-534204-7
5-534975-2
6-533009-8
130
6.758 [171.65]
6.400 [162.56]
7-532956-0
7-532955-0
6-534204-7
200
10.258 [260.55]
9.900 [251.46]
7-532956-3
7-532955-3
7-534204-0
5-534975-4
Notes: 1. .115 [2.92] tail length is for use with .062 [1.57] PC boards; .145 [3.68] tail length is for use with .093 [2.36] PC boards.
Notes: 2. Receptacle assemblies with low force contacts are available, consult Tyco Electronics.
3. .256 [6.50] minimum positive pin stop to prevent shorting between rows.
.320
[8.13]
.144
[3.66]
Dia.
(2 Plc.)
.179
[4.55]
Typ.
.100
[2.54]
.125
[3.17]
(Localized
Gold Plate Area)
.256
[6.50]
(See Note 3.)
.115
[2.92]
(See Note 2)
.238
[6.05]
C
L
C
L
.310±.010
[7.88±0.25]
.065±.005
[1.65±0.13]
to
.100±.005
[2.54±0.13]
.310±.002
[7.87±0.05]
.035±.003
[0.89±0.08]
Typ. Dia.
(Finished Hole)
.100±.003
[2.54±0.08]
.069
[1.75]
.115 or .145
[2.92 or 3.68]
(See Note 1)
.115 or .145
[2.92 or 3.68]
(See Note 2)
A
B
Standard Solder Tails
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
Board Retention Tails
Tolerances not to accumulate within
one connector pattern.
Material — Natural color nylon
Keying Plug
Min.
.174
[4.42]
(Point of Contact)
Max.
Part No. 86286-1
(Plugs into receptacle contact)
Horizontal Mount (with Guide
Pin Slots and Standoffs)


Similar Part No. - 8-147095-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 8-147095-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com