Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPP30-243.3SW Datasheet(PDF) 6 Page - Recom International Power

Part # RPP30-243.3SW
Description  30 Watt 4:1 Single Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP30-243.3SW Datasheet(HTML) 6 Page - Recom International Power

  RPP30-243.3SW Datasheet HTML 1Page - Recom International Power RPP30-243.3SW Datasheet HTML 2Page - Recom International Power RPP30-243.3SW Datasheet HTML 3Page - Recom International Power RPP30-243.3SW Datasheet HTML 4Page - Recom International Power RPP30-243.3SW Datasheet HTML 5Page - Recom International Power RPP30-243.3SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PP-24
www.recom-power.com
REV: 0/2014
POWERLINE+
DC/DC-Converter
RPP30-S_DW
Series
Package Style and Pinning (mm)
3
1
2
5
4
17.8
dia.
1.0
10.20
36.0
50.8
Bottom View
6
1.7 4.0
8.7
17.8
25.4
45.7
6x 3.55
(use M3
screws)
5.10
40.6
10.20
10.20
30.9
2.8
11.4
2.54
32.6
3.3
3.0
1.0
38.0*
*Recommended Fixing Centres
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
-Vout
Com
5
Trim
-Vout
6
CTRL
CTRL
Baseplate Case (-B Suffix)
Use 10mm
Spacers
PCB
PCB
Baseplate Case Fixing - Mounting onto Heatsink/Bulkhead
Baseplate Case Fixing - Anti Vibration Mounting onto PCB
The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications.
The Buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or damage property.


Similar Part No. - RPP30-243.3SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP30-243.3SW RECOM-RPP30-243.3SW Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RPP30-243.3SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30E-Z RECOM-REC30E-Z Datasheet
1Mb / 7P
   30 Watt 1“ x 1“ Single & Dual Output
REV.: 0/2023
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
   30 Watt 4:1 Input 2 x 1 Single and Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RPR30-11005S-B RECOM-RPR30-11005S-B Datasheet
587Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11024S-B RECOM-RPR30-11024S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11012S-B RECOM-RPR30-11012S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com