Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RP1A
Description  Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RP1A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RP1A Datasheet HTML 1Page - List of Unclassifed Manufacturers RP1A Datasheet HTML 2Page - List of Unclassifed Manufacturers RP1A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (28.02.2007)
1
Solid State Relays
PCB, 1-Phase ZS/IO
Types RP1A, RP1B
• AC Solid State Relay for PCB mounting
• Zero switching or instant-on
• Rated operational current: 3, 5 or 5.5 AACrms
• Rated operational voltage: Up to 480 VACrms
• Surface mount technology
• Flexible encapsulation for extended life
• Control voltage: 3 to 32 VDC* / 16 to 32 VAC**
• Opto-isolation: > 4000 VACrms
• Blocking voltage: Up to 1000 Vp
• Non-repetitive surge current: Up to 250 Ap
Product Description
Ordering Key
Solid State Relay (PCB)
Number of poles
Switching mode
Rated operational voltage
Control voltage
Rated operational current
Rated operational
Non-rep. voltage
Control voltage
Rated operational current
voltage
3 AACrms
5 AACrms
5.5 AACrms
230 VACrms
650 Vp
3 to 32 VDC
RP1A23D3
RP1A23D5
RP1A23D6
RP1B23D3
RP1B23D5
RP1B23D6
16 to 32 VAC
-
-
RP1A23A6
400 VACrms
850 Vp
3 to 32 VDC
RP1A40D3
RP1A40D5
RP1A40D6
4 to 32 VDC
RP1B40D3
RP1B40D5
RP1B40D6
480 VACrms
1000 Vp
4 to 32 VDC
RP1A48D3
RP1A48D5
RP1A48D6
RP1B48D3
RP1B48D5
RP1B48D6
Switching mode
Rated operational voltage
Rated operational current
Control voltage
A: Zero switching
23: 230 VACrms
3: 3 AACrms
D:
3 to 32 VDC*
B: Instant-On switching
40: 400 VACrms
5: 5 AACrms
A:
16 to 32 VAC**
48: 480 VACrms
6: 5.5 AACrms
* 4 to 32 VDC for RP1A48..
4 to 32 VDC for RP1B40.. and RP1B48..
** Only available for 230V, 5.5 A
Type Selection
Selection Guide
RP 1 A 23 D 3
The RP1 is an SSR series for
socket-
or
PCB-mounting,
providing an ideal interface
between logic controls and
AC loads.
The
RP1
is
designed
for
resistive
and
inductive
loads
up
to
480VACrms.
Two regulated
control voltage ranges cover
most standard input require-
ments in an economic pack-
age.
These features allow a
direct substitution of existing
PCB
mounted
relays
with
RP1. Internally this new series
enjoys an improved technical
design with the introduction of
stress-free flexible encapsula-
tion and automated assembly
of components.
Opto-isola-
tion and load switching are
performed by individual com-
ponents, providing higher reli-
ability
than
monolithic
designs.
Additionally RP1..6
is a special version with high
current surge capability that
reduces fusing requirements.
This relay can also drive high-
er AC53a loads up to 5 A.
The Solid State technology
used can withstand peak volt-
ages of 1000V, making the
RP1 series suitable to drive
AC loads
such
as
valve
solenoids and small induction
motors.
Rated operational
Non-rep. voltage
Control voltage
Rated operational current
voltage
3 AACrms
5 AACrms
5.5 AACrms
230 VACrms
650 Vp
5 to 34 VDC
RP1A23D3M1
RP1A23D5M1
RP1A23D6M1*
RP1B23D3M1
RP1B23D5M1
RP1B23D6M1
16 to 32 VAC
-
-
RP1A23A6M1
* For operational voltages
≥ 230 VACrms add suffix M2 to part no.
Selection Guide (mounted on DIN EN adaptor)


Similar Part No. - RP1A

ManufacturerPart #DatasheetDescription
logo
Rohm
RP1A090ZP ROHM-RP1A090ZP Datasheet
310Kb / 6P
   1.5V Drive Pch MOSFET
RP1A090ZP ROHM-RP1A090ZP Datasheet
322Kb / 6P
   1.5V Drive Pch MOSFET
RP1A090ZP_1007 ROHM-RP1A090ZP_1007 Datasheet
322Kb / 6P
   1.5V Drive Pch MOSFET
More results

Similar Description - RP1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS, Standard Range
RM1A48D50 ETC2-RM1A48D50 Datasheet
114Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
SWT862030 CELDUC-SWT862030 Datasheet
158Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com