Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMUT2222A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMUT2222A
Description  ULTRAmini. SURFACE MOUNT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMUT2222A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMUT2222A Datasheet HTML 1Page - Central Semiconductor Corp CMUT2222A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEAD CODE:
1) Base
2) Emitter
3) Collector
Central
Semiconductor Corp.
TM
MECHANICAL OUTLINE - SOT-523
CMUT2222A
ULTRAmini™ SURFACE MOUNT
NPN SILICON TRANSISTOR
BOTTOM VIEW
I
H
G
F
E
D
C
A
R1
12
3
B
R1 ( 2 -October 2001)
ELECTRICAL CHARACTERISTICS: Continued
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
fT
VCE=20V, IC=20mA, f=100MHz
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
8.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
25
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
2.0
8.0
k
hie
VCE=10V, IC=10mA, f=1.0kHz
0.25
1.25
k
hre
VCE=10V, IC=1.0mA, f=1.0kHz
8.0
x10-4
hre
VCE=10V, IC=10mA, f=1.0kHz
4.0
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
300
hfe
VCE=10V, IC=10mA, f=1.0kHz
75
375
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
35
µmhos
hoe
VCE=10V, IC=10mA, f=1.0kHz
25
200
µmhos
rb’Cc
VCB=10V, IE=20mA, f=31.8MHz
150
ps
NF
VCE=10V, IC=100µA, RS=1.0kΩ, f=1.0kHz
4.0
dB
td
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
10
ns
tr
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
25
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
225
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
60
ns


Similar Part No. - CMUT2222A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUT2222A CENTRAL-CMUT2222A_10 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMUT2222A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUT5179 CENTRAL-CMUT5179 Datasheet
106Kb / 2P
   ULTRAmini. SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMUT2907A CENTRAL-CMUT2907A Datasheet
238Kb / 2P
   ULTRAmini. SURFACE MOUNT PNP SILICON TRANSISTOR
CMKT2907A CENTRAL-CMKT2907A Datasheet
111Kb / 2P
   ULTRAmini. SURFACE MOUNT DUAL PNP SILICON TRANSISTOR
CMKT5078 CENTRAL-CMKT5078 Datasheet
190Kb / 2P
   ULTRAmini. SURFACE MOUNT SILICON TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10 Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMUSH2-4 CENTRAL-CMUSH2-4 Datasheet
138Kb / 2P
   SURFACE MOUNT ULTRAmini SILICON SCHOTTKY DIODES
CMKTC825A CENTRAL-CMKTC825A Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE
CMUT5087E CENTRAL-CMUT5087E Datasheet
97Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E Datasheet
132Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMKSH-3T CENTRAL-CMKSH-3T Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com