Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSG74L3131A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG74L3131A
Description  3mm Round Fluorescent Green Collor LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG74L3131A Datasheet(HTML) 1 Page - OptoSupply International

  OSG74L3131A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3mm Round Fluorescent Green C
Co
ollo
or
r L
LE
ED
D
OSG74L3131A
Features
Outline Dimension
High Luminous LEDs
3mm Round Standard Directivity
Long Lifetime Operation
Superior Weather-resistance
Water Clear Type
Applications
Backlighting (switches, keys, displays,
illuminated advertising etc.)
Substitution of Micro Incandescent Lamps
Reading Lamps / Emergency Lighting
Marker lights (e.g. steps, exit ways, etc.)
Other Lighting
Unit:mm
Tolerance:+0.3mm
2.54
1
2
2.94
1.
5M
IN
5.
3
26
.0
M
IN
0.5+0.1
1.
0
2:Cathode
1:Anode
3.
85
3.
0
1
2
Absolute Maximum Rating
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms
Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
1
1
Electrical -Optical Characteristics
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃))))
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
10000
12000
-
mcd
Luminous Flux*
Φv
IF=20mA
6.5
7.0
-
lm
x
IF=20mA
-
0.35
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.50
-
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Tolerance of chromaticity coordinate is +10%
*2 Tolerance of luminous is +15%
LED & Application Technologies


Similar Part No. - OSG74L3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG74L5111A OPTOSUPPLY-OSG74L5111A Datasheet
104Kb / 1P
   5mm Round Fluorescent Green Color LED
OSG74L56A1A OPTOSUPPLY-OSG74L56A1A Datasheet
106Kb / 1P
   4.8mm Straw Fluorescent Green Color LED
OSG74LS1C1A OPTOSUPPLY-OSG74LS1C1A Datasheet
105Kb / 1P
   3.5x2.8x1.9mm Fluorescent Green Color SMD LED
OSG74LZ291P OPTOSUPPLY-OSG74LZ291P Datasheet
107Kb / 1P
   Deluxe Power Super Flux Fluorescent Green Color LED
More results

Similar Description - OSG74L3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK7DL3131A OPTOSUPPLY-OSK7DL3131A Datasheet
122Kb / 1P
   3mm Round Purplle Collor LED
OSK7DL5111A OPTOSUPPLY-OSK7DL5111A Datasheet
116Kb / 1P
   5mm Round Purplle Collor LED
OSG7NU3131A OPTOSUPPLY-OSG7NU3131A Datasheet
124Kb / 1P
   3mm Round Grass Green LED
OST1MX5A32A-W1V OPTOSUPPLY-OST1MX5A32A-W1V Datasheet
126Kb / 1P
   5mm Round Module 1.2V Fullll-Collor Flashing LED
OSG74L5111A OPTOSUPPLY-OSG74L5111A Datasheet
104Kb / 1P
   5mm Round Fluorescent Green Color LED
OSG7NU3131A_VER.A.2 OPTOSUPPLY-OSG7NU3131A_VER.A.2 Datasheet
124Kb / 1P
   3mm round grass green led
OSG48A3131A OPTOSUPPLY-OSG48A3131A Datasheet
109Kb / 1P
   3mm Round Emerald Green LED
logo
TT Electronics.
OVLAG6CB8 TTELEC-OVLAG6CB8 Datasheet
984Kb / 4P
   Round Green LED Lamp (3mm)
logo
OPTEK Technologies
OVLAG6CB8 OPTEK-OVLAG6CB8 Datasheet
982Kb / 4P
   Round Green LED Lamp (3mm)
logo
OptoSupply Internationa...
OSG5DA3131A OPTOSUPPLY-OSG5DA3131A_09 Datasheet
105Kb / 1P
   3mm Round Pure Green LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com