Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M15KP54A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # M15KP54A
Description  15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M15KP54A Datasheet(HTML) 4 Page - Microsemi Corporation

  M15KP54A Datasheet HTML 1Page - Microsemi Corporation M15KP54A Datasheet HTML 2Page - Microsemi Corporation M15KP54A Datasheet HTML 3Page - Microsemi Corporation M15KP54A Datasheet HTML 4Page - Microsemi Corporation M15KP54A Datasheet HTML 5Page - Microsemi Corporation M15KP54A Datasheet HTML 6Page - Microsemi Corporation M15KP54A Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF01011, Rev. C (9/30/13)
©2013 Microsemi Corporation
Page 4 of 7
M15KP22A – M15KP280CA(e3)
ELECTRICAL CHARACTERISTICS @ 25 ºC
PART NUMBER
REVERSE
STAND-
OFF
VOLTAGE
VWM
(Note 1)
BREAKDOWN
VOLTAGE
V(BR) @ I(BR)
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
MAXIMUM
STANDBY
CURRENT
ID @ VWM
MAXIMUM
PEAK PULSE
CURRENT
IPP
(FIG. 2)
MAXIMUM
TEMPERATURE
COEFFICIENT OF
V(BR)
αV(BR)
V
V
mA
V
µA
A
mV/ºC
M15KP22A
22
24.4
10
37.1
500
404
24
M15KP24A
M15KP26A
24
26
26.7
28.9
5
5
40.7
44.0
150
50
369
341
27
29
M15KP28A
M15KP30A
28
30
31.1
33.3
5
5
47.5
50.7
25
15
316
296
31
34
M15KP33A
M15KP36A
33
36
36.7
40.0
5
5
54.8
59.7
10
10
274
251
38
41
M15KP40A
M15KP43A
40
43
44.4
47.8
5
5
65.8
69.7
10
10
228
215
46
50
M15KP45A
M15KP48A
45
48
50.0
53.3
5
5
73.0
77.7
10
10
205
193
52
56
M15KP51A
M15KP54A
51
54
56.7
60.0
5
5
82.8
87.5
10
10
181
171
60
63
M15KP58A
M15KP60A
58
60
64.4
66.7
5
5
94.0
97.3
10
10
160
154
68
71
M15KP64A
M15KP70A
64
70
71.1
77.8
5
5
104
114
10
10
144
132
76
83
M15KP75A
M15KP78A
75
78
83.3
86.7
5
5
122
126
10
10
123
119
89
93
M15KP85A
M15KP90A
85
90
94.4
100
5
5
137
146
10
10
109
103
102
109
M15KP100A
M15KP110A
100
110
111
122
5
5
162
178
10
10
93
84
121
133
M15KP120A
M15KP130A
120
130
133
144
5
5
193
209
10
10
78
72
145
157
M15KP150A
M15KP160A
150
160
167
178
5
5
243
259
10
10
62
58
183
195
M15KP170A
M15KP180A
170
180
189
200
5
5
275
291
10
10
55
52
207
219
M15KP200A
M15KP220A
200
220
222
245
5
5
322
356
10
10
47
42
243
269
M15KP240A
M15KP260A
240
260
267
289
5
5
388
419
10
10
39
36
293
317
M15KP280A
280
311
5
452
10
33
342
** Consult factory for availability of the 17 and 18 Volt devices on a special order basis.
NOTES:
1.
Transient Voltage Suppressors are normally selected with reverse “stand-off voltage” (VWM) which should be equal to or greater than the
dc or continuous peak operating voltage level
.


Similar Part No. - M15KP54A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Pulse A Technitrol Comp...
M1500 PULSE-M1500 Datasheet
115Kb / 2P
   SMT GATE DRIVE TRANSFORMER
logo
RAF ELECTRONIC HARDWARE
M1500-B-2545-SS RAF-M1500-B-2545-SS Datasheet
63Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
More results

Similar Description - M15KP54A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15KPA17AE3 MICROSEMI-15KPA17AE3 Datasheet
441Kb / 7P
   15,000 Watt Transient Voltage Suppressor TVS) Protection Device
Rev. A 6/24/13
5KP5.0E3 MICROSEMI-5KP5.0E3 Datasheet
800Kb / 10P
   5,000 Watt Transient Voltage Suppressor (TVS) Protection Device
Rev. A
logo
Infineon Technologies A...
ESD253-B1-W0201 INFINEON-ESD253-B1-W0201 Datasheet
747Kb / 13P
   Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-07-12
ESD259-B1-W0201 INFINEON-ESD259-B1-W0201 Datasheet
1Mb / 14P
   Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-05-17
logo
Microsemi Corporation
SMAJ5.0E3 MICROSEMI-SMAJ5.0E3 Datasheet
489Kb / 6P
   400W Transient Voltage Suppressor (TVS) protection device
Mar Rev C
logo
Infineon Technologies A...
ESD241-B1-W0201 INFINEON-ESD241-B1-W0201 Datasheet
734Kb / 13P
   Protection Devices TVS (Transient Voltage Suppressor)
Revision 1.2 2018-03-19
ESD237-B1-W0201 INFINEON-ESD237-B1-W0201 Datasheet
762Kb / 14P
   Protection devices TVS (Transient Voltage Suppressor)
Revision 1.0 2016-10-18
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
   15,000 Watt TVS Module
logo
Infineon Technologies A...
ESD206-B1-02V INFINEON-ESD206-B1-02V Datasheet
610Kb / 14P
   Protection Devices TVS (Transient Voltage Suppressor Diodes)
Revision 1.3, 2016-06-27
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com