Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M15KP48A Datasheet(PDF) 7 Page - Microsemi Corporation

Part # M15KP48A
Description  15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M15KP48A Datasheet(HTML) 7 Page - Microsemi Corporation

  M15KP48A Datasheet HTML 1Page - Microsemi Corporation M15KP48A Datasheet HTML 2Page - Microsemi Corporation M15KP48A Datasheet HTML 3Page - Microsemi Corporation M15KP48A Datasheet HTML 4Page - Microsemi Corporation M15KP48A Datasheet HTML 5Page - Microsemi Corporation M15KP48A Datasheet HTML 6Page - Microsemi Corporation M15KP48A Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
RF01011, Rev. C (9/30/13)
©2013 Microsemi Corporation
Page 7 of 7
M15KP22A – M15KP280CA(e3)
PACKAGE DIMENSIONS
Dimensions
Dim
Inch
Millimeters
Min
Max
Min
Max
LL
0.750
-
19.05
-
BL
0.365
0.385
9.27
9.78
BD
0.235
0.255
5.97
6.48
LD
0.047
0.053
1.194
1.346


Similar Part No. - M15KP48A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Pulse A Technitrol Comp...
M1500 PULSE-M1500 Datasheet
115Kb / 2P
   SMT GATE DRIVE TRANSFORMER
logo
RAF ELECTRONIC HARDWARE
M1500-B-2545-SS RAF-M1500-B-2545-SS Datasheet
63Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
More results

Similar Description - M15KP48A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15KPA17AE3 MICROSEMI-15KPA17AE3 Datasheet
441Kb / 7P
   15,000 Watt Transient Voltage Suppressor TVS) Protection Device
Rev. A 6/24/13
5KP5.0E3 MICROSEMI-5KP5.0E3 Datasheet
800Kb / 10P
   5,000 Watt Transient Voltage Suppressor (TVS) Protection Device
Rev. A
logo
Infineon Technologies A...
ESD253-B1-W0201 INFINEON-ESD253-B1-W0201 Datasheet
747Kb / 13P
   Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-07-12
ESD259-B1-W0201 INFINEON-ESD259-B1-W0201 Datasheet
1Mb / 14P
   Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-05-17
logo
Microsemi Corporation
SMAJ5.0E3 MICROSEMI-SMAJ5.0E3 Datasheet
489Kb / 6P
   400W Transient Voltage Suppressor (TVS) protection device
Mar Rev C
logo
Infineon Technologies A...
ESD241-B1-W0201 INFINEON-ESD241-B1-W0201 Datasheet
734Kb / 13P
   Protection Devices TVS (Transient Voltage Suppressor)
Revision 1.2 2018-03-19
ESD237-B1-W0201 INFINEON-ESD237-B1-W0201 Datasheet
762Kb / 14P
   Protection devices TVS (Transient Voltage Suppressor)
Revision 1.0 2016-10-18
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
   15,000 Watt TVS Module
logo
Infineon Technologies A...
ESD206-B1-02V INFINEON-ESD206-B1-02V Datasheet
610Kb / 14P
   Protection Devices TVS (Transient Voltage Suppressor Diodes)
Revision 1.3, 2016-06-27
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com