Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT36VDDF12872Y-265 Datasheet(PDF) 5 Page - Micron Technology

Part # MT36VDDF12872Y-265
Description  DDR SDRAM RDIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT36VDDF12872Y-265 Datasheet(HTML) 5 Page - Micron Technology

  MT36VDDF12872Y-265 Datasheet HTML 1Page - Micron Technology MT36VDDF12872Y-265 Datasheet HTML 2Page - Micron Technology MT36VDDF12872Y-265 Datasheet HTML 3Page - Micron Technology MT36VDDF12872Y-265 Datasheet HTML 4Page - Micron Technology MT36VDDF12872Y-265 Datasheet HTML 5Page - Micron Technology MT36VDDF12872Y-265 Datasheet HTML 6Page - Micron Technology MT36VDDF12872Y-265 Datasheet HTML 7Page - Micron Technology MT36VDDF12872Y-265 Datasheet HTML 8Page - Micron Technology MT36VDDF12872Y-265 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PDF: 09005aef80772fd2/Source: 09005aef8075ebf6
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDF36C128_256x72.fm - Rev. G 9/08 EN
5
©2002 Micron Technology, Inc. All rights reserved.
1GB, 2GB (x72, ECC, DR) 184-Pin DDR SDRAM RDIMM
Pin Assignments and Descriptions
Table 6:
Pin Descriptions
Symbol
Type
Description
A0–A12
Input
Address inputs: Provide the row address for ACTIVE commands, and the
column address and auto precharge bit (A10) for READ/WRITE commands, to
select one location out of the memory array in the respective device bank. A10
sampled during a PRECHARGE command determines whether the PRECHARGE
applies to one device bank (A10 LOW, device bank selected by BA0, BA1) or all
device banks (A10 HIGH). The address inputs also provide the op-code during a
MODE REGISTER SET command. BA0 and BA1 define which mode register
(mode register or extended mode register) is loaded during the LOAD MODE
REGISTER command.
BA0, BA1
Input
Bank address: BA0 and BA1 define the device bank to which an ACTIVE,
READ, WRITE, or PRECHARGE command is being applied.
CK0, CK0#
Input
Clock: CK and CK# are differential clock inputs. All address and control input
signals are sampled on the crossing of the positive edge of CK and the
negative edge of CK#. Output data (DQ and DQS) is referenced to the
crossings of CK and CK#.
CKE0, CKE1
Input
Clock enable: CKE enables (registered HIGH) and CKE disables (registered
LOW) the internal clock, input buffers, and output drivers.
RAS#, CAS#, WE#
Input
Command inputs: RAS#, CAS#, and WE# (along with S#) define the command
being entered.
RESET#
Input
Reset: Asynchronously forces all registered outputs LOW when RESET# is LOW.
This signal can be used during power-up to ensure that CKE is LOW and DQ are
High-Z.
S0#, S1#
Input
Chip selects: S# enables (registered LOW) and disables (registered HIGH) the
command decoder.
SA0–SA2
Input
Presence-detect address inputs: These pins are used to configure the SPD
EEPROM address range on the I2C bus.
SCL
Input
Serial clock for SPD EEPROM: SCL is used to synchronize the presence-detect
data transfer to and from the module.
CB0–CB7
I/O
Check bits.
DQ0–DQ63
I/O
Data input/output: Data bus.
DQS0–DQS17
I/O
Data strobe: Output with read data. Edge-aligned with read data. Input with
write data. Center-aligned with write data. Used to capture data.
SDA
I/O
Serial data: SDA is a bidirectional pin used to transfer addresses and data into
and out of the presence-detect portion of the module.
VDD/VDDQ
Supply
Power supply: +2.5V ±0.2V (-40B: +2.6V ±0.1V).
VDDSPD
Supply
SPD EEPROM power supply: +2.3V to +3.6V.
VREF
Supply
SSTL_2 reference voltage (VDD/2).
VSS
Supply
Ground.
NC
No connect: These pins are not connected on the module.


Similar Part No. - MT36VDDF12872Y-265

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT36VDDF12872G MICRON-MT36VDDF12872G Datasheet
738Kb / 37P
   DDR SDRAM REGISTERED DIMM
More results

Similar Description - MT36VDDF12872Y-265

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT36VDDT51272G MICRON-MT36VDDT51272G Datasheet
730Kb / 18P
   DDR SDRAM RDIMM
MTA36ASF4G72PZ MICRON-MTA36ASF4G72PZ Datasheet
630Kb / 28P
   DDR4 SDRAM RDIMM
logo
List of Unclassifed Man...
SGP02G72D1BG2SA-BB[EW]RT ETC2-SGP02G72D1BG2SA-BB[EW]RT Datasheet
703Kb / 17P
   2048MB DDR3 . SDRAM RDIMM
logo
Micron Technology
MT36KSF1G72PZ MICRON-MT36KSF1G72PZ Datasheet
413Kb / 20P
   1.35V DDR3L SDRAM RDIMM
MT36KSF2G72PZ MICRON-MT36KSF2G72PZ Datasheet
421Kb / 21P
   1.35V DDR3L SDRAM RDIMM
MT36HTJ51272-P MICRON-MT36HTJ51272-P Datasheet
301Kb / 14P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
List of Unclassifed Man...
SEG04G72B1BC2MT-30R ETC2-SEG04G72B1BC2MT-30R Datasheet
749Kb / 16P
   4GB DDR2 . SDRAM registered SO-RDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com