Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ4210 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # UZ4210
Description  5 WATT POWER ZENERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UZ4210 Datasheet(HTML) 2 Page - Digitron Semiconductors

  UZ4210 Datasheet HTML 1Page - Digitron Semiconductors UZ4210 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UZ4706 SERIES
5 WATT POWER ZENERS
UZ4806 SERIES
ELECTRICAL CHARACTERISTICS
ELECTRICAL SPECIFICATIONS @ 25°c
MAXIMUM RATINGS
Reverse Voltage
Max.
Zener Impedance
§
Maximum Leakage Current @
Reverse Voltage
TYPE
Nominal
Zener
Voltage
VZ @ lZT
Test
Current
lZT
ZZ @ lZT
ZZK @ IZK = 1mA
lR @ VR
+/- 5%
VR
+/-10%
VR
Maximum
Continuous
Current *
lZM
Maximum
Surge
Current
lS
±5%
Tolerance
±10%
Tolerance
Volts
mA
Ohms
Ohms
μA
Volts
Volts
mA
Amps
UZ4118
UZ4218
180
5
450
1750
5
129
136.8
25
.48
UZ4120
UZ4220
200
5
500
1850
5
144
152.0
22
.40
Maximum VF @ 1.0 Amp = 1.2 Volts for all types
†All zener voltages are measured with an automated test set using a 35 ms test time. Longer or shorter test times will have a corresponding effect on the measured value due to
heating effects.
§ Zener impedance is derived from the 60 cycle voltage created when AC current with RMS value of 10% of DC zener test current is superimposed on the test current.
ŧ Graphs shown are for peak sinusoidal surge current of 8.3 ms duration using 60 cycle AC. The 8.3 ms square pulse rating is 71% of the value shown.
MECHANICAL CHARACTERISTICS
Case:
Glass
Marking:
Alpha-Numeric and Body Painted
Polarity:
Cathode Band
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
-
0.145
-
3.680
BL
-
0.300
-
7.620
LD
0.039
0.041
0.990
1.050
LL
0.975
-
24.800
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120906


Similar Part No. - UZ4210

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ4210 MICROSEMI-UZ4210 Datasheet
91Kb / 2P
   POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ4210 NJSEMI-UZ4210 Datasheet
104Kb / 2P
   POWER ZENERS
More results

Similar Description - UZ4210

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
New Jersey Semi-Conduct...
UZ706 NJSEMI-UZ706 Datasheet
120Kb / 2P
   POWER ZENERS 3 Watt
logo
List of Unclassifed Man...
UDZ807 ETC2-UDZ807 Datasheet
106Kb / 3P
   AC POWER ZENERS 1,3 AND 5 WATT TYPES
logo
Digitron Semiconductors
UZ7706 DIGITRON-UZ7706 Datasheet
117Kb / 2P
   6 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UDZ5807 NJSEMI-UDZ5807 Datasheet
139Kb / 3P
   AC POWER ZENERS 1, 3 and 5 Watt Types
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
logo
New Jersey Semi-Conduct...
UZ806 NJSEMI-UZ806 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
logo
Fairchild Semiconductor
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com