Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ7775 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UZ7775
Description  6 WATT POWER ZENERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UZ7775 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UZ7775 Datasheet HTML 1Page - Digitron Semiconductors UZ7775 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UZ7706, UZ7806 SERIES
6 WATT POWER ZENERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATING
Zener Voltage (VZ):
6.8 to 100V
Continuous Current:
See Table
Surge Current ( 8.3 ms):
See Table
Surge Power:
See Graph
Power:
See Lead Temperature Derating Curve
Storage and Operating Temperature:
-65°C to +175°C
ELECTRICAL CHARACTERISTICS
Maximum Reverse Leakage
Current
Part number
Nominal
Zener
Voltage
VZ @ IZT
Test
Current
IZT
Max. Zener
Impedance
§
Z
IR @ VR
Z @ IZT
+5%
VR
+10%
VR
Maximum
Continuous
Current
IZM
Maximum
Surge
Current
IS
Typical
Temperature
Coefficient
TC @ IZT
+5%
Tolerance
+10%
Tolerance
Volts
mA
Ohms
μA
Volts
Volts
mA
Amps
%/°C
UZ7706
UZ7806
6.8
350
0.6
1000
5.2
4.9
1350
50
0.040
UZ7707
UZ7807
7.5
325
0.7
800
5.7
5.4
1250
41
0.040
UZ7708
UZ7808
8.2
300
0.8
200
6.2
5.9
1150
31
0.050
UZ7709
UZ7809
9.1
275
1.0
150
6.9
6.6
1020
29
0.050
UZ7710
UZ7810
10
250
1.0
100
7.6
7.2
950
26
0.060
UZ7712
UZ7812
12
200
1.3
75
9.1
8.6
770
23
0.070
UZ7713
UZ7813
13
200
1.5
50
9.9
9.3
700
21
0.070
UZ7714
UZ7814
14
175
1.5
40
10.6
10.1
640
20
0.070
UZ7715
UZ7815
15
150
2.0
30
11.4
10.8
600
17
0.070
UZ7716
UZ7816
16
150
2.5
20
12.1
11.5
550
15
0.070
UZ7718
UZ7818
18
130
3.5
20
13.7
12.9
500
13
0.080
UZ7720
UZ7820
20
120
4.0
20
15.2
14.4
440
12
0.080
UZ7722
UZ7822
22
100
4.5
20
16.7
15.8
390
11
0.080
UZ7724
UZ7824
24
100
5.0
20
18.2
17.3
360
10
0.080
UZ7727
UZ7827
27
90
6.0
20
20.6
19.4
310
9
0.090
UZ7730
UZ7830
30
80
8.0
20
22.8
21.6
280
8.5
0.090
UZ7733
UZ7833
33
70
10.0
10
25.1
23.7
260
7.5
0.090
UZ7736
UZ7836
36
60
12.0
10
27.4
25.9
240
7.0
0.090
UZ7740
UZ7840
40
60
15.0
10
30.4
28.8
210
6.4
0.095
UZ7745
UZ7845
45
50
20.0
10
34.2
32.4
180
5.5
0.095
UZ7750
UZ7850
50
50
22.0
10
38.0
36.0
170
4.6
0.095
UZ7756
UZ7856
56
40
30.0
10
42.6
40.3
160
4.1
0.095
UZ7760
UZ7860
60
40
35.0
10
45.6
43.2
150
3.7
0.095
UZ7770
UZ7870
70
35
40.0
10
53.2
50.4
130
3.3
0.095
UZ7775
UZ7875
75
30
45.0
10
56.0
54.0
120
3.1
0.095
UZ7780
UZ7880
80
30
60.0
10
60.8
57.6
110
2.9
0.095
UZ7790
UZ7890
90
25
75.0
10
68.4
64.8
100
2.6
0.095
UZ7110
UZ7210
100
20
90.0
10
76.0
72.0
90
2.3
0.100
† All zener voltages are measured with an automated test set using a 35 millisecond test time. Longer or shorter test times will have a corresponding effect on the measured value
due to heating effects.
§ Zener impedance is derived from the 60 cycle AC voltage created when AC current with RMS value of 10% of DC zener test current is superimposed on the test current.
Ratings are based on 100°C case temperature: for leaded devices multiply by 0.6.
‡ Figures shown are for a peak sinusoidal surge current of 8.3ms duration using non-repetitive. The 8.3 ms square pulse rating is 71% of the value shown.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120910


Similar Part No. - UZ7775

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ7775 MICROSEMI-UZ7775 Datasheet
127Kb / 3P
   POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ7775 NJSEMI-UZ7775 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
More results

Similar Description - UZ7775

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
UZ806 NJSEMI-UZ806 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
New Jersey Semi-Conduct...
UZ706 NJSEMI-UZ706 Datasheet
120Kb / 2P
   POWER ZENERS 3 Watt
logo
Digitron Semiconductors
UZ4706 DIGITRON-UZ4706 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
1N4728A FAIRCHILD-1N4728A Datasheet
33Kb / 2P
   Series One Watt Zeners
BZX79C FAIRCHILD-BZX79C Datasheet
22Kb / 2P
   Series Half Watt Zeners
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com