Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR26V51252R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MR26V51252R
Description  32M?밯ord 16?밄it or 64M?밯ord 8?밄it Page Mode P2ROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MR26V51252R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MR26V51252R Datasheet HTML 1Page - List of Unclassifed Manufacturers MR26V51252R Datasheet HTML 2Page - List of Unclassifed Manufacturers MR26V51252R Datasheet HTML 3Page - List of Unclassifed Manufacturers MR26V51252R Datasheet HTML 4Page - List of Unclassifed Manufacturers MR26V51252R Datasheet HTML 5Page - List of Unclassifed Manufacturers MR26V51252R Datasheet HTML 6Page - List of Unclassifed Manufacturers MR26V51252R Datasheet HTML 7Page - List of Unclassifed Manufacturers MR26V51252R Datasheet HTML 8Page - List of Unclassifed Manufacturers MR26V51252R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FEDR26V51252R-002-02
MR26V51252R / P2ROM
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VCC = 3.3 V ± 0.3 V, Ta = 0 to 70C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
ILI
VI = 0 to VCC
10
A
Output leakage current
ILO
VO = 0 to VCC
10
A
ICCSC
CE# = Add.=VCC
4
mA
VCC power supply current
(Standby)
ICCST
CE# = Add.=VIH
4
mA
VCC power supply current
(Read)
ICCA1
CE# = VIL
OE# = VIH
tc = 200 ns
50
mA
Input “H” level
VIH
2.2
VCC+0.5
V
Input “L” level
VIL
–0.5

0.6
V
Output “H” level
VOH
IOH = –2 mA
2.4
V
Output “L” level
VOL
IOL = 2 mA
0.4
V
Voltage is relative to VSS.
 : V
CC+1.5V(Max.) when pulse width of overshoot is less than 10ns.
 : -1.5V(Min.) when pulse width of undershoot is less than 10ns.
AC Characteristics
(VCC = 3.3 V ± 0.3 V, Ta = 0 to 70C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Address cycle time
tC
105
ns
Address access time
tACC
105
ns
Page cycle time
tPC
25
ns
Page access time
tPAC
CE# = OE# = VIL
25
ns
CE# access time
tCE
OE# = VIL
105
ns
OE# access time
tOE
CE# = VIL
25
ns
tCHZ
OE# = VIL
0
20
ns
Output disable time
tOHZ
CE# = VIL
0
20
ns
Output hold time
tOH
CE# = OE# = VIL
0
ns
Measurement conditions
Input signal level ··································· 0 V/3 V
Input timing reference level ·················· 1/2VCC
Output load············································ 50 pF
Output timing reference level················ 1/2VCC
Output load
Output
50 pF
(Including scope and jig)
4/9


Similar Part No. - MR26V51252R

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MR26V51252R LAPIS-MR26V51252R Datasheet
181Kb / 9P
   P2ROM
More results

Similar Description - MR26V51252R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR26T51203L ETC2-MR26T51203L Datasheet
181Kb / 8P
   32M?밯ord 횞 16?밄it or 64M?밯ord 횞 8?밄it P2ROM
MR27V25653L ETC2-MR27V25653L Datasheet
163Kb / 8P
   16M?밯ord 횞 16?밄it or 32M?밯ord 횞 8?밄it Page Mode P2ROM
MR36V01G52B ETC2-MR36V01G52B Datasheet
243Kb / 10P
   64M?밯ord 횞 16?밄it or 128M?밯ord 횞 8?밄it Page Mode P2ROM
MR27T12802L ETC2-MR27T12802L Datasheet
368Kb / 9P
   8M?밯ord 16?밄it or 16M?밯ord 8?밄it P2ROM
MR26V6455J ETC2-MR26V6455J Datasheet
172Kb / 8P
   2M?밯ord 32?밄it or 4M?밯ord 16?밄it Page Mode P2ROM
MR27V6452L ETC2-MR27V6452L Datasheet
273Kb / 11P
   4M?밯ord 횞 16?밄it or 8M?밯ord 횞 8?밄it Page Mode P2ROM
MR36V02G54B ETC2-MR36V02G54B Datasheet
177Kb / 9P
   64M?밯ord 횞 32?밄it Page Mode P2ROM
MR27T6402L ETC2-MR27T6402L Datasheet
294Kb / 12P
   4M?밯ord 횞 16?밄it or 8M?밯ord 횞 8?밄it P2ROM
MR26V02G54R ETC2-MR26V02G54R Datasheet
181Kb / 9P
   64M?밯ord 32?밄it or 128M 16-Bit Page Mode P2ROM
MR27T12800L ETC2-MR27T12800L Datasheet
171Kb / 9P
   8M?밯ord 횞 16?밄it or 16M?밯ord 횞 8?밄it P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com