Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q472 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML610Q472
Description  8-bit Microcontroller with a Built-in LCD driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q472 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML610Q472 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML610Q472 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML610Q472 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML610Q472 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q472 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q472 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q472 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q472 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q472 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
FEDL610473-07
Issue Date Jan. 7, 2013
ML610471/472/473/Q471/Q472/Q473
8-bit Microcontroller with a Built-in LCD driver
GENERAL DESCRIPTION
This LSI is a high performance CMOS 8-bit microcontroller equipped with an 8-bit CPU nX-U8/100 and integrated with
peripheral functions such as the UART, RC oscillation type A/D converter, and LCD driver.
The CPU nX-U8/100 is capable of efficient instruction execution in 1-intruction 1-clock mode by 3-stage pipe line architecture
parallel processing. Additionally, it adopts the low-/high-speed dual clock system, standby mode, and process that prohibits
leak current at high temperatures, and is most suitable for battery-driven applications.
MTP version (ML610Q471/ML610Q472/ML610Q473) can rewrite programs on-board, which can contribute to reduction in
product development TAT. The flash memory incorporated into this MTP version implements the mask ROM-equivalent
low-voltage operation (1.25V or higher) and low-power consumption (typically 5uA at low-speed operation), enabling volume
production by the MTP version.
For industrial use, ML610471P/ML610472P/ML610473P/ML610Q471P/ML610Q472P/ML610Q473P with the extended
operating ambient temperature ranging from -40°C to 85°C are available.
FEATURES
• CPU
- 8-bit RISC CPU (CPU name: nX-U8/100)
- Instruction system: 16-bit length instruction
- Instruction set: Transfer, arithmetic operations, comparison, logic operations, multiplication/division, bit manipulations,
bit logic operations, jump, conditional jump, call return stack manipulations, arithmetic shift, and so on
- Flash Memory rewrite function (MTP version only)
- Minimum instruction execution time
30.5
μs (@ 32.768 kHz system clock)
2
μs (@ 500 kHz system clock)
• Internal memory
- ML610471/ML610472/ML610473
Internal 8KByte Mask ROM (4K x 16 bits) (including unusable 256Byte TEST area)
Internal 512Byte RAM (512 x 8 bits)
- ML610Q471/ML610Q472/ML610Q473
Internal 8KByte Flash ROM (4K x 16 bits) (including unusable 256Byte TEST area)
Internal 512Byte RAM (512 x 8 bits)
• Interrupt controller
- 1 non-maskable interrupt source:
Internal source: 1 (Watchdog Timer)
- 12 maskable interrupt sources:
Internal source: 8 (Timer 2, Timer 3, UART0, RC Oscillation type A/D converter, TBC128Hz, TBC32Hz, TBC16Hz,
TBC2Hz)
External source: 4 (P00, P01, P02, P03)
• Time base counter
- Low-speed time base counter x 1 channel
Frequency compensation (Compensation range: Approx. -488ppm to +488ppm. Compensation accuracy: Approx.
0.48ppm)
- High-speed time base counter x 1 channel
• Watchdog timer
- Non-maskable interrupt and reset
- Free running
- Overflow period: 4 types selectable (125ms, 500ms, 2s, 8s)


Similar Part No. - ML610Q472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q474 ETC2-ML610Q474 Datasheet
402Kb / 28P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q475 ETC2-ML610Q475 Datasheet
402Kb / 28P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q476 ETC2-ML610Q476 Datasheet
402Kb / 28P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q477 LAPIS-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com