Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3033LSA Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3033LSA
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3033LSA Datasheet(HTML) 2 Page - Sanken electric

  SI-3033LSA Datasheet HTML 1Page - Sanken electric SI-3033LSA Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
71
ICs
SI-3000LSA Series
■External Dimensions (SOP8)
(Unit : mm)
0.995max.
0.10
1.27
0.4±0.1
0.4±0.1
0.15+0.1
5.1±0.4
1.27
8765
1234
–0.05
0.12 M
Pin Assignment
q VIN
w NC (Leave open)
e VIN
r VC
t GND
y GND
u VO
i VO
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 0.1g
■Block Diagram
■Typical Connection Diagram
■Reference Data
CO: Output capacitor (22 µF or larger)
CIN:Input capacitor (10 µF)
This capacitor is required in the case of an inductive input line or long
wiring.
Tantalum capacitors are recommended for CIN and CO, particularly at
low temperatures.
* Leave pin 2 open.
TSD
+
VIN
NC
VIN
VC
VO
VO
GND
GND
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
+
VIN
VIN
VC
VO
CIN
CO
GND
+
PCB Copper Laminate Area vs. Junction to
Ambient Air Thermal Resistance
Allowable Output Current
(vs. VIN-VOUT Voltage Difference)
VIN-IO max
The inner frame stage, on which the PTr is mounted,
is directly connected to the VOUT pin.
Therefore, enlarging the copper laminate area
around the VOUT pin is really effective for a heat
radiation.
150
140
130
120
110
100
90
80
70
100
1000
5000
Copper Laminate Area (mm2)
PCB (glass-epoxy, 40
×40mm)
160mm (40
×40) mm
1.2
1.0
0.8
0.6
0.4
0.2
0
1234
VIN-VOUT Voltage Difference (V)
Tj = 120
°C (20% derating of 150°C)
Ta=25
°C
Ta=85
°C
j-a
=100
°C/W
θ


Similar Part No. - SI-3033LSA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
List of Unclassifed Man...
SI-3033LSA ETC1-SI-3033LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3033LSA SANKEN-SI-3033LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3033LSA-TL ALLEGRO-SI-3033LSA-TL Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
More results

Similar Description - SI-3033LSA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000LLSL SANKEN-SI-3000LLSL_11 Datasheet
70Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3018LSA SANKEN-SI-3018LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3050LSA SANKEN-SI-3050LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KS SANKEN-SI-3033KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com