Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B34B-PHDSS-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B34B-PHDSS-B
Description  Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B34B-PHDSS-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B34B-PHDSS-B Datasheet HTML 1Page - List of Unclassifed Manufacturers B34B-PHDSS-B Datasheet HTML 2Page - List of Unclassifed Manufacturers B34B-PHDSS-B Datasheet HTML 3Page - List of Unclassifed Manufacturers B34B-PHDSS-B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
57
This is a 2.0mm (.079") pitch, crimp style,
double-row, wire-to-board connector. It is
designed to meet the demand for high-
density and low-profile connection.
Features ––––––––––––––––––––––––
• Compact
2.0mm (.079") pitch connector, 8.8mm (.346") in height after
mounting and 5.0mm (.197") in width. This compact design
meets the demand for high-density connection.
• Reliable contacts
The box contact supplies stable contact performance even
under conditions of vibration, distortion, low voltage or low
current.
• Fully shrouded header
The header is fully shrouded, having walls on all four sides to
prevent improper mating and the intrusion of flux and other
contaminants.
Specifications –––––––––––––––––––
• Current rating:
3A AC, DC (AWG#22)
• Voltage rating:
250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m
Ω max.
After environmental testing/20m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: AWG #28 to #22
• Applicable PC board thickness: 1.6mm(.063")
* Contact JST if Lead-Free product is required.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
PHD CONNECTOR
Disconnectable Crimp style connectors
2.0mm
(.079") pitch
Crimp


Similar Part No. - B34B-PHDSS-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B34B-PNDZS ETC2-B34B-PNDZS Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B34B-PNDZS-1 ETC2-B34B-PNDZS-1 Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B34B-PUDSS ETC2-B34B-PUDSS Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B34B-PUDSS-1 ETC2-B34B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B34B-PHDSS-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com