Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S18B-PHDSS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S18B-PHDSS
Description  Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18B-PHDSS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S18B-PHDSS Datasheet HTML 1Page - List of Unclassifed Manufacturers S18B-PHDSS Datasheet HTML 2Page - List of Unclassifed Manufacturers S18B-PHDSS Datasheet HTML 3Page - List of Unclassifed Manufacturers S18B-PHDSS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
59
Shrouded header –––––––––––––––––––––––––––––––––––––––––––––––––––––––––
H
JST
A
B
5.0(.197)
2.0
(.079)
1.95
(.077)
(.059) (.079)
1.5
2.0
H
JST
A
B
5.0(.197)
2.0(.079)
1.95
(.077)
[3.0
(.118)]
Circuit No.1
Circuit
No.1
Circuit
No.2
Circuit No.1
Circuit No.1
Circuit
No.2
Side entry type
Top entry type
Circuits
Model No.
Nylon
Glass-filled nylon
Top entry
type
Side entry
type
Top
entry
type
Side
entry
type
Dimensions mm(in.)
Q
'ty / box
A
B
Material and Finish
8
10
12
14
16
18
20
22
24
26
28
30
32
34
B10B-PHDSS-B
B12B-PHDSS-B
B14B-PHDSS-B
B16B-PHDSS-B
B18B-PHDSS-B
B20B-PHDSS-B
B22B-PHDSS-B
B24B-PHDSS-B
B26B-PHDSS-B
B28B-PHDSS-B
B30B-PHDSS-B
B32B-PHDSS-B
B34B-PHDSS-B
S10B-PHDSS-B
S12B-PHDSS-B
S14B-PHDSS-B
S16B-PHDSS-B
S18B-PHDSS-B
S20B-PHDSS-B
S22B-PHDSS-B
S24B-PHDSS-B
S26B-PHDSS-B
S28B-PHDSS-B
S30B-PHDSS-B
S32B-PHDSS-B
S34B-PHDSS-B
Top entry
type
Side entry
type
B 8B-PHDSS
B10B-PHDSS
B12B-PHDSS
B14B-PHDSS
B16B-PHDSS
B18B-PHDSS
B20B-PHDSS
B22B-PHDSS
B24B-PHDSS
B26B-PHDSS
B28B-PHDSS
B30B-PHDSS
B32B-PHDSS
B34B-PHDSS
S 8B-PHDSS
S10B-PHDSS
S12B-PHDSS
S14B-PHDSS
S16B-PHDSS
S18B-PHDSS
S20B-PHDSS
S22B-PHDSS
S24B-PHDSS
S26B-PHDSS
S28B-PHDSS
S30B-PHDSS
S32B-PHDSS
S34B-PHDSS
6.0( .236)
8.0( .315)
10.0( .394)
12.0( .472)
14.0( .551)
16.0( .630)
18.0( .709)
20.0( .787)
22.0( .866)
24.0( .945)
26.0(1.024)
28.0(1.102)
30.0(1.181)
32.0(1.260)
9.9( .390)
11.9( .469)
13.9( .547)
15.9( .626)
17.9( .705)
19.9( .783)
21.9( .862)
23.9( .941)
25.9(1.020)
27.9(1.098)
29.9(1.177)
31.9(1.256)
33.9(1.335)
35.9(1.413)
500
500
500
500
500
250
250
250
250
250
250
250
250
500
500
500
250
250
250
250
250
200
200
200
200
200
200
Post: Copper alloy, copper-undercoated, tin/lead-plated
Wafer: Glass-filled nylon 66, UL94V-0, natural (ivory)
Nylon 66, UL94V-0, natural (white)
PHD CONNECTOR
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B10B-PHDSS-
S…natural (ivory)
ex.
B10B-PHDSS-B-
S…natural (white)
K…black Y…yellow E…blue R…red


Similar Part No. - S18B-PHDSS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S18B-PUDSS-1 ETC2-S18B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S18B-PHDSS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com