Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2P-VH-FB-B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B2P-VH-FB-B
Description  Disconnectable Crimp style connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B2P-VH-FB-B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B2P-VH-FB-B Datasheet HTML 1Page - List of Unclassifed Manufacturers B2P-VH-FB-B Datasheet HTML 2Page - List of Unclassifed Manufacturers B2P-VH-FB-B Datasheet HTML 3Page - List of Unclassifed Manufacturers B2P-VH-FB-B Datasheet HTML 4Page - List of Unclassifed Manufacturers B2P-VH-FB-B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
191
Contact –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
10.6(.417)
4.0(.157)
4.2(.165)
3.0(.118)
B
A
B
A
B
A
Circuit No.1
Circuit No.1
Circuit No.1
Model No.
Applicable wire
mm2
AWG #
Insulation O.D.
mm(in.)
Material and Finish
Q'ty /
reel
SVH-21T-P1.1
SVH-41T-P1.1
0.33 to 0.83
0.5 to 1.25
22 to 18
20 to 16
1.7 to 3.0
(.067 to .118)
1.7 to 3.0
(.067 to .118)
4,500
3,500
Phosphor bronze, tin-plated
N type
M type
Cir-
cuits
Model No.
N type
M type
Dimensions mm(in.)
AB
Q'ty /
bag
Material
2
3
4
5
6
7
8
9
10
11
VHR-2N
VHR-3N
VHR-4N
VHR-5N
VHR-6N
VHR-7N
VHR- 8N
VHR- 9N
VHR-10N
VHR-11N
VHR-2M
VHR-3M
VHR-4M
VHR-5M
VHR-6M
VHR-7M
VHR-9M
Retainer
mountable
type
VHRR-2N
VHRR-3N
VHRR-5N
VHRR-7N
VHRR-8N
VHRR-9N
3.96( .156)
7.92( .312)
11.88( .468)
15.84( .624)
19.80( .780)
23.76( .935)
27.72(1.091)
31.68(1.247)
35.64(1.403)
39.60(1.559)
7.86( .309)
11.82( .465)
15.78( .621)
19.74( .777)
23.70( .933)
27.66(1.089)
31.62(1.245)
35.58(1.401)
39.54(1.557)
43.50(1.713)
1,000
1,000
1,000
1,000
500
500
500
500
500
500
Nylon 6, UL94V-0, natural (white)
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Retainer mountable type
VH CONNECTOR
Note: 1. Contact JST if you require contacts made of brass.
2. When using retainer mountable type housing, applicable wire's
insulation O. D. shall be 1.7 to 2.2mm(.067" to .087").
Note: 1. Models identified as VHR-(
) M incorporate measures to prevent
electric shock and are thus safer in regard to high voltages.
2. The applicable housing for 2-circuits shrouded header is "VHR-2N"
only. "VHRR-2N" is not applicable.
3. Models VHR-11N and VHRR-(
)N are not TU
¨ V approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
VHR-2N-oo-
(blank)…natural (white)
BK…black R…red BL…blue M…green D…orange Y…yellow
PK…pink H…gray


Similar Description - B2P-VH-FB-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com