Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7436 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AZ7436
Description  ML (AZ7) Limit Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ7436 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AZ7436 Datasheet HTML 1Page - Panasonic Semiconductor AZ7436 Datasheet HTML 2Page - Panasonic Semiconductor AZ7436 Datasheet HTML 3Page - Panasonic Semiconductor AZ7436 Datasheet HTML 4Page - Panasonic Semiconductor AZ7436 Datasheet HTML 5Page - Panasonic Semiconductor AZ7436 Datasheet HTML 6Page - Panasonic Semiconductor AZ7436 Datasheet HTML 7Page - Panasonic Semiconductor AZ7436 Datasheet HTML 8Page - Panasonic Semiconductor AZ7436 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
34
FOREIGN STANDARDS
Standards
SPECIFICATIONS
1. Rating
DATA
1. Life curve
Load
Rated control voltage
2.Characteristics
Resistive load (cos
φ]1)
Inductive load (cos
φ]0.4)
Motor or lamp load
N.C. contact
125V AC
10A
6A
3A
1.5A
250V AC
10A
4A
1.5A
1A
115V DC
0.4A
0.05A
N.O. contact
UL
Applicable product
File No.
: E122222
Ratings
: 10A 250V AC
Product type : Standard type only
C-UL
File No.
: E122222
Ratings
: 10A 250V AC
Product type : Standard type only
TÜV
Contact arrangement
1 Form C
Initial contact resistance, max.
Contact material
15m
Ω* (By voltage drop 6 to 8V DC at rated current)
AgCdO contact
Initial insulation resistance (At 500V DC)
Initial breakdown voltage
Shock resistance
In the free position
In the full operating position
Vibration resistance
Expected life
(Min. operation)
Mechanical
Electrical
Ambient temperature/Ambient humidity
Max. operating speed
Min. 100 M
1,500 Vrms for 1 min Between non-consecutive terminals
2,000 Vrms for 1 min Between dead metal parts and each terminal
2,000 Vrms for 1 min Between ground and each terminal
Max. 98m/s2 {10G}
Max. 294m/s2 {30G}
55 Hz, double amplitude of 1.5 mm
107 (at 50 cpm)
2
105 (at 20 cpm)
–20 to +60°C –4 to +140°F/Max. 95% R.H. (at 20°C 68°F)
120 cpm
File No.
: J9551204
Ratings
: AC-15 2A/250V~
Product type : Standard type only
Order by standard part No.
Part No.
3.EN60947-5-1 performance
Item
Rating
Rated insulation voltage (Ui)
250VAC
Rated impulse withstand voltage (Uimp)
2.5kV
Switching over voltage
2.5kV
Rated enclosed thermal current (Ithe)
10A
Conditional short-circuit current
100A
Short-circuit protection device
10A fuse
Protective construction
IP64 (switch)
Pollution degree
3
4. Operating characteristics
Characteristics
Actuator
O.F. (N{gf})
max.
Short push plunger
R.F. (N{gf})
min.
Pretravel
(P.T.), max.
mm inch
Movement
Differential
(M.D.), max.
mm inch
Overtravel
(O.T.), min.
mm inch
5.88 {600}
0.98 {100}
2.0 .079
0.8 .031
0.8 .031
Operating Position
(O.P.) mm inch
30±0.8 1.181±.031
Push plunger
5.88 {600}
0.98 {100}
2.0 .079
0.8 .031
5.0 .197
44±1.2 1.732±.047
Hinge lever
1.47 {150}
0.39 {40}
13.5 .531
3.2 .126
4.0 .157
25±2.0 .984±.079
Roller lever
1.77 {180}
0.49 {50}
11.0 .433
2.4 .094
3.0 .118
40±1.9 1.575±.75
One-way roller lever
1.96 {200}
0.59 {60}
11.0 .433
2.4 .094
3.0 .118
50±2.0 1.969±.079
Hinge short lever
2.16 {200}
0.59 {60}
8.5 .335
2.0 .079
2.5 .098
25±1.3 .984±.051
Short roller lever
2.35 {240}
0.78 {80}
6.5 .256
1.5 .059
2.0 .079
40±1.6 1.575±.063
One-way short roller lever
2.75 {280}
0.98 {100}
6.5 .256
1.5 .059
2.0 .079
50±1.6 1.969±.063
Panel mount push plunger
5.88 {600}
0.98 {100}
2.0 .079
0.8 .031
6.0 .236
21.8±0.8 .858±.031
Panel mount roller plunger
5.88 {600}
0.98 {100}
2.0 .079
0.8 .031
6.0 .236
33.3±1.2 1.311±.047
Panel mount cross roller plunger
5.88 {600}
0.98 {100}
2.0 .079
0.8 .031
6.0 .236
33.3±1.2 1.311±.047
Flexible rod
1.18 {120}
25 .984
11 .433
36 1.417 (T.T.)
5. Protective characteristics
Protective construction
Standard type
Terminal mold type
(Epoxy-sealed terminal type)
IEC
IP60
IP64
* The resistance of a copper wire is not included.
Note) For the operating characteristics, refer to the TECHNICAL INFORMATION.
10
AC
5V
10
Load current (A)
5
10
5
cos
1
1
7
6
10
8
10
2
φ
WIRING DIAGRAM
Standard type
N.O.
ML
COM
N.C.
Circuit
COM
N.O.
N.C.
Terminal
ML (AZ7)


Similar Part No. - AZ7436

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ743 AZETTLER-AZ743 Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ743-2A-110D ZETTLER-AZ743-2A-110D Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
AZ743-2A-110D ZETTLER-AZ743-2A-110D Datasheet
47Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
AZ743-2A-115AF ZETTLER-AZ743-2A-115AF Datasheet
47Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results

Similar Description - AZ7436

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
   Multiple Limit Switch
logo
Festo Corporation.
8137105 FESTO-8137105 Datasheet
92Kb / 2P
   Limit switch box
7/20/22
8137098 FESTO-8137098 Datasheet
88Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com