Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B8P-VH-B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B8P-VH-B
Description  Disconnectable Crimp style connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B8P-VH-B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B8P-VH-B Datasheet HTML 1Page - List of Unclassifed Manufacturers B8P-VH-B Datasheet HTML 2Page - List of Unclassifed Manufacturers B8P-VH-B Datasheet HTML 3Page - List of Unclassifed Manufacturers B8P-VH-B Datasheet HTML 4Page - List of Unclassifed Manufacturers B8P-VH-B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
192
Locking header –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
A
B
14.6(.575)
7.7
(.303)
[9.4(.370)]
A
B
14.9(.587)
7.7
(.303)
3.2
(.126)
[9.4(.370)]
3.96
(.156)
Circuit No.1
Circuit No.1
1.14
(.045)
3.2
(.126)
Cir-
cuits
Model No.
Dimensions mm(in.)
Q’ty / box
AB
Top entry
type
Side entry
type
Top
entry
type
Side
entry
type
Material and Finish
2
3
4
5
6
7
8
9
10
B 2P-VH
B 3P-VH
B 4P-VH
B 5P-VH
B 6P-VH
B 7P-VH
B 8P-VH
B 9P-VH
B10P-VH
B 2PS-VH
B 3PS-VH
B 4PS-VH
B 5PS-VH
B 6PS-VH
B 7PS-VH
B 8PS-VH
B 9PS-VH
B10PS-VH
3.96( .156)
7.92( .312)
11.88( .468)
15.84( .624)
19.80( .780)
23.76( .935)
27.72(1.091)
31.68(1.247)
35.64(1.403)
7.86( .309)
11.82( .465)
15.78( .621)
19.74( .777)
23.70( .933)
27.66(1.089)
31.62(1.245)
35.58(1.401)
39.54(1.557)
1,000
1,000
500
500
250
250
200
200
200
1,000
500
500
250
250
250
200
200
200
Post: Brass, copper-undercoated, tin/lead-plated
Wafer: Nylon 66, UL94V-0, natural (white)
Top entry type
Side entry type
Note: Headers with a reduced number of posts are also available.
Contact JST for details.
7.1(.280)
Circuits
Model No.
Q'ty / bag
2
3
5
7
8
9
VHS-2V
VHS-3V
VHS-5V
VHS-7V
VHS-8V
VHS-9V
A
3.70(1.146)
7.52(1.296)
15.44(1.608)
23.36(1.920)
27.32(1.076)
31.28(1.231)
1,000
1,000
1,000
1,000
1,000
1,000
Material
Glass-filled nylon 66, UL94V-0, natural (ivory)
Retainer –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Note: Not TU
¨ V approved.
VH CONNECTOR
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2P(S)-VH-oo-
(blank)…natural (white)
BK…black R…red TR…tomato red BL…blue M…green
O…orange Y…yellow PK…pink H…gray


Similar Part No. - B8P-VH-B

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B8P5 EDAL-B8P5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 2.0 AMP DIODES
More results

Similar Description - B8P-VH-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com