Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B18B-PHDSS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B18B-PHDSS
Description  Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B18B-PHDSS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B18B-PHDSS Datasheet HTML 1Page - List of Unclassifed Manufacturers B18B-PHDSS Datasheet HTML 2Page - List of Unclassifed Manufacturers B18B-PHDSS Datasheet HTML 3Page - List of Unclassifed Manufacturers B18B-PHDSS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
58
PHD CONNECTOR
Contact –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
6.5(.256)
1.3
(.051)
2.85(.112)
Model No.
Applicable wire
mm2
AWG #
Insulation O.D. mm(in.)
Q'ty /
reel
Material and Finish
SPHD-002T-P0.5
SPHD-001T-P0.5
0.08 to 0.21
0.13 to 0.33
28 to 24
26 to 22
0.9 to 1.5(.035 to .059)
1.0 to 1.5(.039 to .059)
Phosphor bronze, tin-plated
8,000
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
A
B
5.0(.197)
4.2(.165)
2.0
(.079)
1.95
(.077)
2.0
(.079)
Circuit
No.1
Circuit
No.1
Circuit
No.2
Material
Cir-
cuits
Model No.
Q'ty /
bag
Dimensions mm(in.)
AB
8
10
12
14
16
18
20
22
24
26
28
30
32
34
PHDR-08VS
PHDR-10VS
PHDR-12VS
PHDR-14VS
PHDR-16VS
PHDR-18VS
PHDR-20VS
PHDR-22VS
PHDR-24VS
PHDR-26VS
PHDR-28VS
PHDR-30VS
PHDR-32VS
PHDR-34VS
6.0( .236)
8.0( .315)
10.0( .394)
12.0( .472)
14.0( .551)
16.0( .630)
18.0( .709)
20.0( .787)
22.0( .866)
24.0( .945)
26.0(1.024)
28.0(1.102)
30.0(1.181)
32.0(1.260)
9.9( .390)
11.9( .469)
13.9( .547)
15.9( .626)
17.9( .705)
19.9( .783)
21.9( .862)
23.9( .941)
25.9(1.020)
27.9(1.098)
29.9(1.177)
31.9(1.256)
33.9(1.335)
35.9(1.413)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Nylon 66, UL94V-0, natural (white)
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PHDR-10VS-
S…natural (white)
K…black Y…yellow E…blue R…red


Similar Part No. - B18B-PHDSS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B18B-PNDZS ETC2-B18B-PNDZS Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B18B-PNDZS-1 ETC2-B18B-PNDZS-1 Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B18B-PUDSS ETC2-B18B-PUDSS Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B18B-PUDSS-1 ETC2-B18B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B18B-PHDSS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com