Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7401 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AZ7401
Description  ML (AZ7) Limit Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ7401 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AZ7401 Datasheet HTML 3Page - Panasonic Semiconductor AZ7401 Datasheet HTML 4Page - Panasonic Semiconductor AZ7401 Datasheet HTML 5Page - Panasonic Semiconductor AZ7401 Datasheet HTML 6Page - Panasonic Semiconductor AZ7401 Datasheet HTML 7Page - Panasonic Semiconductor AZ7401 Datasheet HTML 8Page - Panasonic Semiconductor AZ7401 Datasheet HTML 9Page - Panasonic Semiconductor AZ7401 Datasheet HTML 10Page - Panasonic Semiconductor AZ7401 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2
One-way roller lever
Roller lever
Hinge lever
Short
Long
AZH20
22
Classification
Subminiature size
Compact size
Product name
SL (AZ3) Micro
Limit Switches
HL (AZH)
Limit Switches
(Die cast case)
HL (AZH)
Limit Switches
(Die cast case)
HL (AZH)
Limit Switches
(Plastic case)
ML (AZ7)
Limit Switches
(standard)
ML (AZ7)
Limit Switches
(Epoxy-Sealed terminal type)
Feature
Dust-proof type IP60
IP64
IP65
IP67
Abrasion-proof type
Surge-proof type
Corrosion-proof type
Oil-resistant type
Neon
LED
Mechanical
Life
(Min.ope.)
Operating force
(max.)
(hinge lever type)
Available
actuators
Terminals
Wiring
Mounting pitch
(Applicable screw)
Available standards
Page
Electrical
Ratings
(load resistance)
• A limit switch with
high-density mounting
that improves stroke
capacity through an
O.T. absorption-type
spring.
• LED lamp type also
available.
Rubber-cover type Socket with cord type
–––
–––
–––––
(with LED lamps)
[Bifurcated type]
–––
10A250V AC
10A125V AC
0.4A115V DC
10A250V AC
10A125V AC
0.4A115V DC
––
––
––
4A250V AC
4A125V AC
4A30V DC
0.1A 125V DC
107
107
107
107
107
107
105
0. 98N {100gf}
1. 96N {200gf}
(short lever type)
2. 94N {300gf}
• Rubber cover (Solder
and quick connect
(#110) terminal)
• Socket with cord
Cabtire code
Cross-angled wiring
28
14mm
1.102
.551inch
(M4 screw)
UL, CSA
P.13
P.18
P.18
P.18
P.33
P.33
UL, CSA, TÜV, CE
UL, CSA, TÜV, CE
UL, CSA, TÜV, CE
UL, C-UL, TÜV, CE
33mm 1.299inch
(M4 screw)
33mm 1.299inch
(M4 screw)
33mm 1.299inch
(M4 screw)
25.4mm 1.000inch
(M4 screw)
25.4mm 1.000inch
(M4 screw)
Cabtire code
Cabtire code
Cabtire code
Cabtire cable
Cabtire cable
Screw terminal
Connector terminal
Screw terminal
Screw terminal
Vinyl cabtire cable
(1m 3.281ft)
2.45N {250gf}
3. 92N {400gf}
11.8N {1,200gf}
(Plunger type)
2.45N {250gf}
3.92N {400gf}
11.8N {1,200gf}
(Plunger type)
2.45N {250gf}
3. 92N {400gf}
1.47N {150gf}, 1.77N {180gf},
1.96N {200gf}, 2.16N {220gf},
2.35N {240gf}, 2.75N {280gf},
5.88N {600gf} max.
1.47N {150gf}, 1.77N {180gf},
1.96N {200gf}, 2.16N {220gf},
2.35N {240gf}, 2.75N {280gf},
5.88N {600gf} max.
5x105
5x105
5x105
2x105
2x105
[Standard type]
5A125V AC
5A250V AC
5A8V DC
5A14V DC
5A30V DC
0.5A125V DC
0.25A250V DC
[Standard type]
5A125V AC
5A250V AC
5A8V DC
5A14V DC
5A30V DC
0.5A125V DC
0.25A250V DC
[Bifurcated type]
0.1A125V AC
0.1A8V DC
0.1A14V DC
0.1A30V DC
[Bifurcated type]
0.1A125V AC
0.1A8V DC
0.1A14V DC
0.1A30V DC
without LEDlamps
0.1A125V AC
0.1A8V DC
0.1A14V DC
0.1A30V DC
with LEDlamps
0.1A24V AC
• High sealability that
satisfies IEC IP67.
• Wiring is screw-ter-
minal type.
• Bifurcated type also
available.
• High sealability that
satisfies IEC IP67.
• Less wiring, less
installation connec-
tor type.
• LED lamp type also
available.
• Bifurcated type
available.
• Perfect for applica-
tions that prioritize
economy.
• Switches installed
with both economical
and compact Z-basic
microswitches and
limit switch protective
construction.
• Coil spring system
provides long life.
• An ML compact limit
switch with an
epoxy-sealed case
that completely
encloses the
terminal.
Appearance
Head code
AZ3
AZH23
AZH10
12
AZ7
AZ7
SELECTOR CHART
Note: Excludes limit switch replacement parts
Actuators
Push plunger
Roller plunger
Cross-roller plunger
Roller arm
Adjustable roller arm
Adjustable rod
Fork
Spring wire
Flexible rod
Roller lever
Short
Long
Short
Long


Similar Part No. - AZ7401

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742-2A-110A ZETTLER-AZ742-2A-110A Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
AZ742-2A-110A ZETTLER-AZ742-2A-110A Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ742-2A-110A ZETTLER-AZ742-2A-110A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ7401

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
   Multiple Limit Switch
logo
Festo Corporation.
8137105 FESTO-8137105 Datasheet
92Kb / 2P
   Limit switch box
7/20/22
8137098 FESTO-8137098 Datasheet
88Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com