Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7410 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AZ7410
Description  ML (AZ7) Limit Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ7410 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AZ7410 Datasheet HTML 2Page - Panasonic Semiconductor AZ7410 Datasheet HTML 3Page - Panasonic Semiconductor AZ7410 Datasheet HTML 4Page - Panasonic Semiconductor AZ7410 Datasheet HTML 5Page - Panasonic Semiconductor AZ7410 Datasheet HTML 6Page - Panasonic Semiconductor AZ7410 Datasheet HTML 7Page - Panasonic Semiconductor AZ7410 Datasheet HTML 8Page - Panasonic Semiconductor AZ7410 Datasheet HTML 9Page - Panasonic Semiconductor AZ7410 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
37
Terminal Mold Type (Epoxy-Sealed Terminal Type)
The waterproof type (IP64) has its terminals sealed with epoxy resin.
1. Type of product
All the standard type have this epoxy-sealed
terminal types.
2. Appearance
The dimensions are the same as
those of the standard type.
The cord outlet is located either at
the N.C. or COM side.
The cord is 1 m 3.281ft. long.
1. Ambient conditions
1) When the switch is to be used in
places where oil or is abundant, bore a
drain hole in the bottom of the terminal
cover.
2) Avoid places where highly acid or
alkaline fluids are used or high tempera-
tures prevail.
3) This model uses silver terminals.
Therefore, if used at relatively low fre-
quencies for long periods of time, or if
used with very small loads, the oxidiza-
tion that forms on the contact surfaces
will not wear away and eventually cause
improper contact. For such applications,
use limit switches with gold/metal con-
tacts (e.g. VL limit switches) or ones
meant for small loads (e.g. HL limit
switches).
4) This switch is not designed for under-
water use. Do not use the unit under-
water.
5) To improve reliability during actual
use, it is recommended that the opera-
tion be checked under installation condi-
tions.
6) If OT is too big, the life of limit switch
will be shortened switching friction. Use it
with enough margin of OT. 70% of OT
standard value will be good for use.
7) Do not use the switch in a silicon
atmosphere. Case should be taken
where organic silicon rubber, adhesive,
sealing material, oil, grease or lead wire
generates silicon.
8) Avoid use in excessively dusty envi-
ronments where actuator operation
would be hindered.
9) When used outdoors (in places where
there is exposure to direct sunlight or
rain such as in multistory car parks) or in
environments where ozone is generated,
the influence of these environments may
cause deterioration of the rubber materi-
al. Please consult us if you intend to use
a switch in environments such as these.
10) Do not store in places where organic
gas might be generated or in places of
high dust content or high humidity.
2.Mounting and wiring
1) Remove the terminal cover with a v
driver. Insert the lead wire through the
knock-out of the terminal cover.
(The terminal cover of the epoxy-sealed
terminal type is filled with resin. It cannot
be removed.)
2) Connect the lead wire to the terminal.
When connecting the terminals with the
fasten lug, those with the insulation
sleeve are recommended.
Tightening torque: 1.18 to 1.47 N·m {12
to 15 kg·cm}
3) The terminal cover can be mounted in
both directions.
• In this case, fasten the terminal cover in
the opposite direction.
• Side mounting
To mount onto a side, use M4 screws
with washers and secure it firmly. The
tightening torque should be 1.18 to 1.47
N·m (12 to 15 kg·cm).
• Panel mounting
(panel mount plunger type)
When installing the panel mounting type
onto a panel, the tightening torque for
the hex. nut should be 7.84 N·m (80
kg·cm).
• For terminal mold types (epoxy-sealed
terminal types), there are two types by
the cord outlet direction; N.C. side and
COM side.
3. Flexible rod
1) Put the detective object to the tip of
plastic part.
2) Avoid pushing the tip of actuating
spring in the direction of axis. In the
places of oil or water splashes and much
dust area, use the limit switch with keep-
ing the actuating spring in the vertical
direction.
CAUTIONS
COM terminal
N.O. terminal
N.C. terminal
3-core vinyl cabtire cable
Epoxy resin filled up for reliable watertightness
and heat resistance.
Cord outlet direction: N.C.
Cord outlet direction: COM
• Cord specifications
Type
Vinyl cabtire cable (VCT)(3
× 1.25mm2)
Cord length
Lead colors
1m 3.281ft.
Black: COM
Red: N.C.
White: N.O.
Standard type
N.C.
COM
ML (AZ7)


Similar Part No. - AZ7410

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742-2A-110A ZETTLER-AZ742-2A-110A Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
AZ742-2A-110A ZETTLER-AZ742-2A-110A Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ742-2A-110A ZETTLER-AZ742-2A-110A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ7410

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
   Multiple Limit Switch
logo
Festo Corporation.
8137105 FESTO-8137105 Datasheet
92Kb / 2P
   Limit switch box
7/20/22
8137098 FESTO-8137098 Datasheet
88Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com