Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPZ4686 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZ4686
Description  350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4686 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZ4686 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4686 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
212
CMPZ4678
THRU
CMPZ4717
350mW LOW LEVEL ZENER DIODE
5% TOLERANCE
SOT-23 Case
* Available on special order only, please consult factory.
**
∆VZ=VZ@100µA MINUS VZ @ 10µA.
Type No.
Nominal
Zener Voltage
Test Current
Maximum
Voltage
Change**
Maximum
Zener Current
Volts
Volts
Volts
mA
CMPZ4678*
1.8
50
7.5
1.0
0.70
120.0
CMPZ4679*
2.0
50
5.0
1.0
0.70
110.0
CMPZ4680*
2.2
50
4.0
1.0
0.75
100.0
CMPZ4681*
2.4
50
2.0
1.0
0.80
95.0
CMPZ4682*
2.7
50
1.0
1.0
0.85
90.0
CMPZ4683*
3.0
50
0.8
1.0
0.90
85.0
CMPZ4684*
3.3
50
7.5
1.5
0.95
80.0
CMPZ4685*
3.6
50
7.5
2.0
0.95
75.0
CMPZ4686*
3.9
50
5.0
2.0
0.97
70.0
CMPZ4687*
4.3
50
4.0
2.0
0.99
65.0
CMPZ4688*
4.7
50
10
3.0
0.99
60.0
CMPZ4689*
5.1
50
10
3.0
0.97
55.0
CMPZ4690*
5.6
50
10
4.0
0.96
50.0
CMPZ4691*
6.2
50
10
5.0
0.95
45.0
CMPZ4692*
6.8
50
10
5.1
0.90
35.0
CMPZ4693*
7.5
50
10
5.7
0.75
31.8
CMPZ4694*
8.2
50
1.0
6.2
0.50
29.0
CMPZ4695*
8.7
50
1.0
6.6
0.10
27.4
CMPZ4696*
9.1
50
1.0
6.9
0.08
26.2
CMPZ4697*
10
50
1.0
7.6
0.10
24.8
CMPZ4698*
11
50
0.05
8.4
0.11
21.6
CMPZ4699*
12
50
0.05
9.1
0.12
20.4
VZ @ IZT
IZT
MAXIMUM REVERSE
LEAKAGE CURRENT
µµµµµA
IZM
µµµµµA
IR @ VR
∆∆∆∆∆VZ
ELECTRICAL CHARACTERISTICS
(TA=25
oC) VF=1.5V MAX @ IF=100mA FOR ALL TYPES.
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMPZ4678 Series Silicon Zener Diode is a
high quality voltage regulator designed for
applications requiring an extremely low
operating current and low leakage.


Similar Part No. - CMPZ4686

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4686 CENTRAL-CMPZ4686 Datasheet
401Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4686 CENTRAL-CMPZ4686 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
More results

Similar Description - CMPZ4686

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4614 CENTRAL-CMPZ4614 Datasheet
92Kb / 2P
   350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMPZ4678 CENTRAL-CMPZ4678_10 Datasheet
401Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ5221B CENTRAL-CMPZ5221B_10 Datasheet
401Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
   350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZDA3V6 CENTRAL-CMPZDA3V6 Datasheet
103Kb / 2P
   DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW, 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com