Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWP24S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AWP24S
Description  HARDWARE DESIGN GUIDE FOR ARTAFLEX WIRELESS MODULES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWP24S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AWP24S Datasheet HTML 1Page - List of Unclassifed Manufacturers AWP24S Datasheet HTML 2Page - List of Unclassifed Manufacturers AWP24S Datasheet HTML 3Page - List of Unclassifed Manufacturers AWP24S Datasheet HTML 4Page - List of Unclassifed Manufacturers AWP24S Datasheet HTML 5Page - List of Unclassifed Manufacturers AWP24S Datasheet HTML 6Page - List of Unclassifed Manufacturers AWP24S Datasheet HTML 7Page - List of Unclassifed Manufacturers AWP24S Datasheet HTML 8Page - List of Unclassifed Manufacturers AWP24S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Artaflex Inc.
215 Konrad Crescent
File:
AN-121-0001-R2
Markham, Ontario, Canada
L3R8T9
Page 5 of 23
(905) 479-0148
http://www.artaflexmodules.com
4. Mechanical Dimensions
a. AWP24S - Integrated PCB Antenna Module
Size:
38.1 mm x 25.4 mm (1.5” x 1.0”)
AWP24S Connector Pin Information
Pin
Name
Type
Default
Description
1
GND
Power
GND
Ground
2
VCC
Power
VCC
Main Supply 2.4 to 3.6 volts
3
IRQ
I/O
-
Interrupt output (configurable active high or low), or GPIO
4
RST
Input
Input
Module Reset. Internal on Chip 10k-ohm pull-down resistor. Active HIGH
5
MOSI
I/O
Input
SPI data input, or SDAT
6
SS
Input
Pull Up
SPI Interface enable, Active LOW
7
SCK
Input
Input
SPI Clock
8
MISO
I/O
Hi Z
SPI data output pin or GPIO in 3-pin SPI mode.
9
GND
Power
GND
Ground
10
PACTL
I/O
NC
No Connect – Leave Open Circuit
[8]
11
TXPA
I/O
NC
No Connect – Leave Open Circuit
[8]
12
RXPA
I/O
NC
No Connect – Leave Open Circuit
[8]


Similar Part No. - AWP24S

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWP2-06-7241-T ASSMANN-AWP2-06-7241-T Datasheet
72Kb / 1P
   IDC-Socket - 2.00MM Pitch
AWP2-08-7241-T-R ASSMANN-AWP2-08-7241-T-R Datasheet
73Kb / 1P
   IDC-Socket - 2.00MM Pitch
AWP2-10-7241-T ASSMANN-AWP2-10-7241-T Datasheet
69Kb / 1P
   IDC Socket - 10 contact
AWP2-12-7240-T-R ASSMANN-AWP2-12-7240-T-R Datasheet
281Kb / 1P
   IDC-Socket, Pitch 2.0MM, 12 Contacts
AWP2-12-7241-T-R ASSMANN-AWP2-12-7241-T-R Datasheet
73Kb / 1P
   IDC-Socket - 2.00MM Pitch
More results

Similar Description - AWP24S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1693 STMICROELECTRONICS-UM1693 Datasheet
8Mb / 196P
   M0-7 standard high-side drivers hardware design guide
AN2867 STMICROELECTRONICS-AN2867 Datasheet
2Mb / 41P
   Oscillator design guide for STM8S
logo
Broadcom Corporation.
ADNK-6003 BOARDCOM-ADNK-6003 Datasheet
305Kb / 24P
   Design Guide
logo
STMicroelectronics
AN4218 STMICROELECTRONICS-AN4218 Datasheet
1Mb / 26P
   Hardware design guideline
logo
Silicon Laboratories
UG382 SILABS-UG382 Datasheet
1Mb / 26P
   WF200 Hardware Design
logo
Laird Tech Smart Techno...
SDC-MSD30AG LSTD-SDC-MSD30AG Datasheet
1Mb / 26P
   HARDWARE INTEGRATION GUIDE
logo
Silicon Laboratories
AN901 SILABS-AN901 Datasheet
634Kb / 25P
   DESIGN GUIDE FOR ISOLATED DC/DC
logo
STMicroelectronics
AN1709 STMICROELECTRONICS-AN1709 Datasheet
662Kb / 38P
   EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
logo
HiSilicon(Shanghai) Tec...
HI3531 HISILICON-HI3531 Datasheet
1Mb / 52P
   Hi3531/Hi3532 hardware design
2012-11-30
logo
STMicroelectronics
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com