Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9GE0412P3K03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9GE0412P3K03
Description  DC Fan San Ace 40
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9GE0412P3K03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9GE0412P3K03 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9GE0412P3K03 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35
リード線
AWG28
UL1061
4
±0.3
28
±0.5
4
±0.3
8-
φ3.5±0.3
40
± 0.3
32
± 0.3
(10)
+30
320
0
風吹出方向
回転方向
取付用穴
39
(17.6)
32
±0.3
4-
φ3.7
φ1.6
3.5 0.3
4
+1
 0
φ29.5
φ1.
6
φ
18
.3
Model No.
Rated Voltage Operating Voltage Range
PWM duty
cycle※[%]
Rated Current Rated Input Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
[V][V][A][W][min
-1
[m³/min] [CFM][Pa][inchH²O][dB(A)][℃]
[h]
9GE0412P3K03
12
10.8 to 13.2
100
0.84
10.08
16,500
0.76
26.8
415
1.666
58
20 to 60
40,000
0
0.07
0.84
3,000
0.13
4.6
13
0.052
17
9GE0412P3J03
100
0.65
7.8
15,000
0.69
24.4
343.0
1.378
56
0
0.05
0.6
2,650
0.12
4.2
10.7
0.042
14
9GE0412P3G03
100
0.47
5.64
13,000
0.60
21.2
260
1.044
52
0
0.05
0.6
2,400
0.11
3.9
8.2
0.033
13
10mm thick, 15mm thick (GA type), 15mm thick,
20mm thick (GA type), 20mm thick
28mm thick (GA type), 28mm thick (GE type)
28mm thick (GV type), 28mm thick
DC Fan
San Ace 40
General Specifications
Material……………………Frame: Aluminum,Impeller: Plastics (Flammability: UL94V-0)
Expected Life ……………Refer to specificationsL10:Survival rate:90% at 60,
rated voltage, and continuously run in a free air state
Lead Wire …………………
red
black Sensor yellow
Control
brown
Storage Temperature …−30to 70℃(Non-condensing
GE type
Rotating Direction
Air Flow Direction
Mounting Hole
Lead Wire
Inlet side, Outlet side
DimensionsUnit : mm
Reference dimension of
mounting holes and vent openingUnit : mm
OptionsUnit : mm
Inlet side, Outlet side
Finger guards
Model:109-059
Surfacetreatment:Nickel-chromeplating(silver)
Color
Low vibration
Specifications The following nos. have PWM controls and pulse sensors.
40×40×28mm
Mass55g
40mmsq.
PWM Frequency25kHz
Available options: Without Sensor
Pulse Sensor
Please inquire as the availability of these functions depend on the model. Lock Sensor


Similar Description - 9GE0412P3K03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9GA0412P7G001 ETC2-9GA0412P7G001 Datasheet
111Kb / 2P
   DC Fan San Ace 40
109P0405H901 ETC2-109P0405H901_14 Datasheet
96Kb / 2P
   DC Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9HV0412P3K001 SANYODENKI-9HV0412P3K001 Datasheet
154Kb / 2P
   DC Fan San Ace 40 9HV type
logo
List of Unclassifed Man...
9GA0812P7G001 ETC2-9GA0812P7G001 Datasheet
181Kb / 4P
   DC Fan San Ace 80
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
9GV2048P0G201NOTE1 ETC2-9GV2048P0G201NOTE1 Datasheet
178Kb / 2P
   DC Fan San Ace 200
9HV0812P1G001 ETC2-9HV0812P1G001 Datasheet
138Kb / 2P
   DC Fan San Ace 80
109P0912J401 ETC-109P0912J401 Datasheet
148Kb / 2P
   DC Fan San Ace 92
9GA0812P4J001 ETC2-9GA0812P4J001 Datasheet
198Kb / 4P
   DC Fan San Ace 80
9CRE0412P5J03 ETC2-9CRE0412P5J03 Datasheet
111Kb / 2P
   Counter Rotating Fan San Ace 40
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com