Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S20N60C3S9A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HGT1S20N60C3S9A
Description  45A, 600V, UFS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S20N60C3S9A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HGT1S20N60C3S9A Datasheet HTML 1Page - Fairchild Semiconductor HGT1S20N60C3S9A Datasheet HTML 2Page - Fairchild Semiconductor HGT1S20N60C3S9A Datasheet HTML 3Page - Fairchild Semiconductor HGT1S20N60C3S9A Datasheet HTML 4Page - Fairchild Semiconductor HGT1S20N60C3S9A Datasheet HTML 5Page - Fairchild Semiconductor HGT1S20N60C3S9A Datasheet HTML 6Page - Fairchild Semiconductor HGT1S20N60C3S9A Datasheet HTML 7Page - Fairchild Semiconductor HGT1S20N60C3S9A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG20N60C3, HGTP20N60C3, HGT1S20N60C3S Rev. B
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 150
oC
ICE = IC110
VCE = 0.8 BVCES
VGE = 15V
RG = 10Ω
L = 1mH
Test Circuit (Figure 17)
-28
32
ns
Current Rise Time
trI
-24
28
ns
Current Turn-Off Delay Time
td(OFF)I
-
280
450
ns
Current Fall Time
tfI
-
108
210
ns
Turn-On Energy (Note 4)
EON1
-
380
410
µJ
Turn-On Energy (Note 4)
EON2
-1.0
1.1
mJ
Turn-Off Energy (Note 3)
EOFF
-1.2
1.7
mJ
Thermal Resistance Junction To Case
RθJC
-
-
0.76
oC/W
NOTES:
3. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement
of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss.
4. Values for two Turn-On loss conditions are shown for the convenience of the circuit designer. EON1 is the turn-on loss of the IGBT only. EON2 is the
turn-on loss when a typical diode is used in the test circuit and the diode is at the same TJ as the IGBT. The diode type is specified in Figure 17.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. DC COLLECTOR CURRENT vs CASE
TEMPERATURE
FIGURE 2. MINIMUM SWITCHING SAFE OPERATING AREA
FIGURE 3. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 4. SHORT CIRCUIT WITHSTAND TIME
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TC, CASE TEMPERATURE (
oC)
50
VGE = 15V
25
75
100
125
150
50
30
10
20
40
0
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
60
700
40
20
300
400
200
100
500
600
0
80
100
120
140
TJ = 150
oC, R
G = 10Ω, VGE = 15V, L = 100µH
0
2
ICE, COLLECTOR TO EMITTER CURRENT (A)
10
5
1
100
40
10
20
fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RØJC = 0.76
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON2 + EOFF)
TC
VGE
110oC
10V
15V
75oC
110oC
75oC
10V
15V
TJ = 150
oC, R
G = 10Ω,
L = 1mH, V CE = 480V
VGE, GATE TO EMITTER VOLTAGE (V)
10
11
12
13
14
15
2
4
6
8
150
200
250
300
350
tSC
ISC
10
12
14
400
450
VCE = 360V, RG = 10Ω, TJ = 125
oC
HGTG20N60C3, HGTP20N60C3, HGT1S20N60C3S


Similar Part No. - HGT1S20N60C3S9A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N60C3S FAIRCHILD-HGT1S20N60C3S Datasheet
144Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGT1S20N60C3S INTERSIL-HGT1S20N60C3S Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
More results

Similar Description - HGT1S20N60C3S9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3 FAIRCHILD-HGTG20N60C3 Datasheet
144Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
   63A, 600V, UFS Series N-Channel IGBT
January 2000
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
   70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com