Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV4096A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49BV4096A
Description  4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV4096A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49BV4096A Datasheet HTML 1Page - ATMEL Corporation AT49BV4096A Datasheet HTML 2Page - ATMEL Corporation AT49BV4096A Datasheet HTML 3Page - ATMEL Corporation AT49BV4096A Datasheet HTML 4Page - ATMEL Corporation AT49BV4096A Datasheet HTML 5Page - ATMEL Corporation AT49BV4096A Datasheet HTML 6Page - ATMEL Corporation AT49BV4096A Datasheet HTML 7Page - ATMEL Corporation AT49BV4096A Datasheet HTML 8Page - ATMEL Corporation AT49BV4096A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
AT49BV/LV4096A
1618H–FLASH–4/04
cannot be programmed. The software product identification exit code should be used to
return to standard operation.
BOOT BLOCK PROGRAMMING LOCKOUT OVERRIDE: The user can override the
boot block programming lockout by taking the RESET pin to 12 volts during the entire
chip erase, sector erase or word programming operation. When the RESET pin is
brought back to TTL levels, the boot block programming lockout feature is again active.
PRODUCT IDENTIFICATION: The product identification mode identifies the device and
manufacturer as Atmel. It may be accessed by hardware or software operation. The
hardware operation mode can be used by an external programmer to identify the correct
programming algorithm for the Atmel product.
For details, see “Operating Modes” (for hardware operation) or “Software Product Identi-
fication Entry/Exit” on page 12. The manufacturer and device codes are the same for
both modes.
DATA POLLING: The AT49BV/LV4096A features Data Polling to indicate the end of a
program cycle. During a program cycle an attempted read of the last byte loaded will
result in the complement of the loaded data on I/O7. Once the program cycle has been
completed, true data is valid on all outputs and the next cycle may begin. During a chip
or sector erase operation, an attempt to read the device will give a “0” on I/O7. Once the
program or erase cycle has completed, true data will be read from the device. Data Poll-
ing may begin at any time during the program cycle.
TOGGLE BIT: In addition to Data Polling, the AT49BV/LV4096A provides another
method for determining the end of a program or erase cycle. During a program or erase
operation, successive attempts to read data from the device will result in I/O6 toggling
between one and zero. Once the program cycle has completed, I/O6 will stop toggling
and valid data will be read. Examining the toggle bit may begin at any time during a pro-
gram cycle.
HARDWARE DATA PROTECTION: Hardware features protect against inadvertent pro-
grams to the AT49BV/LV4096A in the following ways: (a) VCC sense: if VCC is below
1.8V (typical), the program function is inhibited. (b) VCC power on delay: once VCC has
reached the VCC sense level, the device will automatically time out 10 ms (typical)
before programming. (c) Program inhibit: holding any one of OE low, CE high or WE
high inhibits program cycles. (d) Noise filter: pulses of less than 15 ns (typical) on the
WE or CE inputs will not initiate a program cycle.
INPUT LEVELS: While operating with a 2.7V to 3.6V power supply, the address and
control inputs (OE, CE and WE) may be driven from 0 to 5.5V without adversely affect-
ing the operation of the device. The I/O lines can only be driven from 0 to VCC + 0.6V.


Similar Part No. - AT49BV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV4096A ATMEL-AT49BV4096A Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12RC ATMEL-AT49BV4096A-12RC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12RI ATMEL-AT49BV4096A-12RI Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12TC ATMEL-AT49BV4096A-12TC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12TI ATMEL-AT49BV4096A-12TI Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results

Similar Description - AT49BV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com