Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9GA0412H7001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9GA0412H7001
Description  DC Fan San Ace 40
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9GA0412H7001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9GA0412H7001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9GA0412H7001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
φ1.6
3.5 0.3
4
+1
 0
φ29.5
φ1.
6
φ
18
.3
1.2
300
1.0
200
250
0.5
15
0.4
5
0.2
10
0.3
0.6
150
0.4
0.2
50
100
0
0
0.1
0
0.8
PWM
デューティ
100%
50%
→ 風量
(inch H2O)
(CFM)
(m3/min)
DC 12V
(Pa)
9GA0412P7G001
9GA0412G7001
9GA0412H7001
250
200
150
100
50
0.3
0.1
0
0.2
0.4
300
0.5
5
10
15
0
0.2
0.4
0.6
0.8
1.0
1.2
0
→ 風量
(inch H2O)
(Pa)
DC12V
13.8V
7V
12V
(m3/min)
(CFM)
100
0.1
0
0.05
0.15 0.2
10
20
30
40
50
0.25
70
60
80
90
24
6
8
0
0.1
0
0.2
0.3
0.4
→ 風量
(inch H2O)
(Pa)
DC12V
13.8V
7V
12V
(m3/min)
(CFM)
250
200
150
100
50
0.3
0.1
0
0.2
0.4
300
0.5
5
10
15
0
0.2
0.4
0.6
0.8
1.0
1.2
0
→ 風量
(inch H2O)
(Pa)
PWM
デューティ100%
13.8V
10.2V
12V
(m3/min)
(CFM)
9GA0412P7G001
電圧:DC12V
PWM
周波数:25kHz
PWM
デューティサイクル(%)
0
0
100
10,000
5,000
15,000
13,100min-1
9GA0412P7G001
OptionsUnit : mm
Finger guards
Model:109-059
Surfacetreatment:Nickel-chromeplating(silver)
Color
Inlet side, Outlet side
Air Flow - Static Pressure Characteristics
PWM Duty Cycle
Air Flow
PWM Duty Cycle
Operating Voltage Range
Air Flow
Air Flow
Air Flow
PWM Duty Cycle 100%
PWM Duty - Speed Characteristics Example
PWM Duty Cycle%
Voltage12V DC
PWM Frequency25kHz
With PWM speed control functionWith pulse sensor
With PWM speed control functionWith pulse sensor
With PWM speed control functionWith pulse sensor
With pulse sensor
With pulse sensor


Similar Part No. - 9GA0412H7001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
9GA0412P3J01 INFINEON-9GA0412P3J01 Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
logo
SANYO DENKI CO., LTD.
9GA0412P6F001 SANYODENKI-9GA0412P6F001 Datasheet
239Kb / 4P
   San Ace 40 9GA type
9GA0412P6G001 SANYODENKI-9GA0412P6G001 Datasheet
239Kb / 4P
   San Ace 40 9GA type
9GA0412P6H001 SANYODENKI-9GA0412P6H001 Datasheet
239Kb / 4P
   San Ace 40 9GA type
More results

Similar Description - 9GA0412H7001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
109P0405H901 ETC2-109P0405H901_14 Datasheet
96Kb / 2P
   DC Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9HV0412P3K001 SANYODENKI-9HV0412P3K001 Datasheet
154Kb / 2P
   DC Fan San Ace 40 9HV type
logo
List of Unclassifed Man...
9GA0812P7G001 ETC2-9GA0812P7G001 Datasheet
181Kb / 4P
   DC Fan San Ace 80
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
9GV2048P0G201NOTE1 ETC2-9GV2048P0G201NOTE1 Datasheet
178Kb / 2P
   DC Fan San Ace 200
9HV0812P1G001 ETC2-9HV0812P1G001 Datasheet
138Kb / 2P
   DC Fan San Ace 80
109P0912J401 ETC-109P0912J401 Datasheet
148Kb / 2P
   DC Fan San Ace 92
9GA0812P4J001 ETC2-9GA0812P4J001 Datasheet
198Kb / 4P
   DC Fan San Ace 80
9CRE0412P5J03 ETC2-9CRE0412P5J03 Datasheet
111Kb / 2P
   Counter Rotating Fan San Ace 40
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com