Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4049B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # HEF4049B
Description  Accepts input voltages in excess of the supply voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4049B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HEF4049B Datasheet HTML 4Page - NXP Semiconductors HEF4049B Datasheet HTML 5Page - NXP Semiconductors HEF4049B Datasheet HTML 6Page - NXP Semiconductors HEF4049B Datasheet HTML 7Page - NXP Semiconductors HEF4049B Datasheet HTML 8Page - NXP Semiconductors HEF4049B Datasheet HTML 9Page - NXP Semiconductors HEF4049B Datasheet HTML 10Page - NXP Semiconductors HEF4049B Datasheet HTML 11Page - NXP Semiconductors HEF4049B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HEF4049B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 18 November 2011
9 of 12
NXP Semiconductors
HEF4049B
Hex inverting buffers
14. Abbreviations
15. Revision history
Table 11.
Abbreviations
Acronym
Description
DTL
Diode Transistor Logic
DUT
Device Under Test
LOCMOS
Local Oxidation CMOS
TTL
Transistor Transistor Logic
Table 12.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
HEF4049B v.9
20111118
Product data sheet
-
HEF4049B v.8
Modifications:
• Table 6: IOH minimum values changed to maximum
• Table 11: Added DUT
HEF4049B v.8
20091202
Product data sheet
-
HEF4049B v.7
HEF4049B v.7
20090721
Product data sheet
-
HEF4049B v.6
HEF4049B v.6
20090325
Product data sheet
-
HEF4049B v.5
HEF4049B v.5
20081111
Product data sheet
-
HEF4049B v.4
HEF4049B v.4
20080704
Product data sheet
-
HEF4049B_CNV v.3
HEF4049B_CNV v.3
19950101
Product specification
-
HEF4049B_CNV v.2
HEF4049B_CNV v.2
19950101
Product specification
-
-


Similar Part No. - HEF4049B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B Datasheet
19Kb / 1P
   HEX inverting buffers
January 1995
HEF4049B NXP-HEF4049B Datasheet
73Kb / 11P
   Hex inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
   Hex inverting buffers
Rev. 11 - 23 June 2016
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
logo
NXP Semiconductors
HEF4049BP NXP-HEF4049BP Datasheet
73Kb / 11P
   Hex inverting buffers
Rev. 05-11 November 2008
More results

Similar Description - HEF4049B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
   Wide range of supply voltages
REV No:01-060817
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
   High Peak Current in Excess of 4A
Rev 0; 8/16
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
   Wide range of supply voltages
logo
Integrated Device Techn...
86004I IDT-86004I Datasheet
231Kb / 13P
   CLK accepts the following input levels
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
   Output Current in Excess of 100mA
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
   Output Current in Excess of 1.5 Ampere
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com