Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4049B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4049B
Description  Accepts input voltages in excess of the supply voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4049B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4049B Datasheet HTML 1Page - NXP Semiconductors HEF4049B Datasheet HTML 2Page - NXP Semiconductors HEF4049B Datasheet HTML 3Page - NXP Semiconductors HEF4049B Datasheet HTML 4Page - NXP Semiconductors HEF4049B Datasheet HTML 5Page - NXP Semiconductors HEF4049B Datasheet HTML 6Page - NXP Semiconductors HEF4049B Datasheet HTML 7Page - NXP Semiconductors HEF4049B Datasheet HTML 8Page - NXP Semiconductors HEF4049B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HEF4049B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 18 November 2011
5 of 12
NXP Semiconductors
HEF4049B
Hex inverting buffers
11. Dynamic characteristics
[1]
The typical values of the propagation delay and transition times are calculated from the extrapolation formulas shown (CL in pF).
Table 7.
Dynamic characteristics
VSS = 0 V; CL = 50 pF; tr = tf 20 ns; Tamb = 25 C; unless otherwise specified.
Symbol
Parameter
Conditions
VDD
Extrapolation formula
Min
Typ
Max
Unit
tPHL
HIGH to LOW
propagation delay
nA to nY;
see Figure 5
5 V
[1] 26 ns + (0.18 ns/pF)CL
-35
70
ns
10 V
11 ns + (0.08 ns/pF)CL
-15
30
ns
15 V
9 ns + (0.05 ns/pF)CL
-12
25
ns
tPLH
LOW to HIGH
propagation delay
nA to nY;
see Figure 5
5 V
[1] 23 ns + (0.55 ns/pF)CL
-
50
100
ns
10 V
14 ns + (0.23 ns/pF)CL
-25
50
ns
15 V
12 ns + (0.16 ns/pF)CL
-20
40
ns
tTHL
HIGH to LOW output
transition time
see Figure 5
5 V
[1]
3 ns + (0.35 ns/pF)CL
-20
40
ns
10 V
3 ns + (0.14 ns/pF)CL
-10
20
ns
15 V
2 ns + (0.09 ns/pF)CL
-7
14
ns
tTLH
LOW to HIGH output
transition time
see Figure 5
5 V
[1] 10 ns + (1.00 ns/pF)CL
-
60
120
ns
10 V
9 ns + (0.42 ns/pF)CL
-30
60
ns
15 V
6 ns + (0.28 ns/pF)CL
-20
40
ns
Table 8.
Dynamic power dissipation PD
PD can be calculated from the formulas shown. VSS = 0 V; tr = tf 20 ns; Tamb = 25 C.
Symbol
Parameter
VDD
Typical formula for PD (W)
where:
PD
dynamic power
dissipation
5 V
PD = 2500  fi + (fo  CL)  VDD2
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VDD = supply voltage in V;
(f
o  CL) = sum of the outputs.
10 V
PD = 11000  fi + (fo  CL)  VDD2
15 V
PD = 35000  fi + (fo  CL)  VDD2


Similar Part No. - HEF4049B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B Datasheet
19Kb / 1P
   HEX inverting buffers
January 1995
HEF4049B NXP-HEF4049B Datasheet
73Kb / 11P
   Hex inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
   Hex inverting buffers
Rev. 11 - 23 June 2016
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
logo
NXP Semiconductors
HEF4049BP NXP-HEF4049BP Datasheet
73Kb / 11P
   Hex inverting buffers
Rev. 05-11 November 2008
More results

Similar Description - HEF4049B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
   Wide range of supply voltages
REV No:01-060817
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
   High Peak Current in Excess of 4A
Rev 0; 8/16
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
   Wide range of supply voltages
logo
Integrated Device Techn...
86004I IDT-86004I Datasheet
231Kb / 13P
   CLK accepts the following input levels
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
   Output Current in Excess of 100mA
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
   Output Current in Excess of 1.5 Ampere
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com