Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPI-6045S-6R8 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-6045S-6R8
Description  Wire Wound Magnetically Shielded SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-6045S-6R8 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-6045S-6R8 Datasheet HTML 1Page - Abracon Corporation ASPI-6045S-6R8 Datasheet HTML 2Page - Abracon Corporation ASPI-6045S-6R8 Datasheet HTML 3Page - Abracon Corporation ASPI-6045S-6R8 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASPI-6045S
ELECTRICAL SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 02.05.14
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Magnetically Shielded SMD Power Inductor
FEATURES:
APPLICATIONS:
• Shielded magnetics, low radiation
• Large Terminal surface for good PCB bonding
• Low DCR, High Energy storage, suitable for large currents
• Ideal for a variety of DC-DC converter inductor applications
• Partable communication equipment
• OA equipment
• LCD, DVD, modem, set-top box
• DC/DC converters
Abracon P/N:
ASPI-6045S Series
Operating Temperature
-40ºC to +125ºC
Storage Temperature
-10ºC to +40ºC and 70% R.H.
6.0 x 6.0 x 4.5mm
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Part Number
ASPI-6045S-
Inductance Code
Inductance
L Tolerance
DC Resistance
(±30%)
Saturation
Current
Temperature
Rise Current
Min. Self resonant
frequency
Marking
Units
μH
Ω
A
A
MHz
Symbol
L
N, M
DCR
Isat
Irms
SRF
ASPI-6045S-R82
0.82
N
0.008
10.35
5.90
140
R82
ASPI-6045S-1R0
1
N
0.011
9.85
5.14
100
1R0
ASPI-6045S-1R2
1.2
N
0.01
8.35
5.40
100
1R2
ASPI-6045S-1R5
1.5
N
0.012
8.80
4.95
65
1R5
ASPI-6045S-1R8
1.8
N
0.012
7.60
4.95
74
1R8
ASPI-6045S-2R2
2.2
N
0.014
6.75
4.60
52
2R2
ASPI-6045S-2R3
2.3
N
0.021
6.00
3.50
60
2R3
ASPI-6045S-2R7
2.7
N
0.015
5.75
4.30
38
2R7
ASPI-6045S-3R0
3
N
0.02
5.60
3.80
35
3R0
ASPI-6045S-3R3
3.3
N
0.021
5.90
3.70
32
3R3
ASPI-6045S-3R6
3.6
N
0.021
5.25
3.70
28
3R6
ASPI-6045S-4R3
4.3
M
0.023
4.45
3.50
23
4R3
ASPI-6045S-4R7
4.7
M
0.026
4.97
3.30
24
4R7
ASPI-6045S-5R1
5.1
M
0.026
4.40
3.30
23
5R1
ASPI-6045S-5R6
5.6
M
0.029
4.15
3.15
23
5R6
ASPI-6045S-6R2
6.2
M
0.031
4.43
3.00
26
6R2
ASPI-6045S-6R8
6.8
M
0.031
3.90
3.00
20
6R8
ASPI-6045S-7R5
7.5
M
0.034
3.50
2.90
18
7R5
ASPI-6045S-8R2
8.2
M
0.043
3.90
2.60
21
8R2
ASPI-6045S-9R1
9.1
M
0.043
3.35
2.60
17
9R1
ASPI-6045S-100
10
M
0.048
3.20
2.45
15
100
ASPI-6045S-120
12
M
0.058
2.80
2.20
13
120
ASPI-6045S-150
15
M
0.068
2.50
2.05
12
150
ASPI-6045S-180
18
M
0.081
2.20
1.85
10
180
ASPI-6045S-220
22
M
0.089
2.05
1.80
10
220
ASPI-6045S-270
27
M
0.102
1.90
1.65
9.2
270
ASPI-6045S-300
30
M
0.132
1.70
1.50
7.8
300
ASPI-6045S-330
33
M
0.137
1.65
1.45
7.8
330
ASPI-6045S-360
36
M
0.173
1.62
1.40
7.8
360
ASPI-6045S-390
39
M
0.18
1.50
1.25
7.8
390
ASPI-6045S-430
43
M
0.2
1.63
1.20
7.7
430
ASPI-6045S-470
47
M
0.2
1.40
1.20
6.4
470
ASPI-6045S-510
51
M
0.207
1.35
1.15
6.4
510


Similar Part No. - ASPI-6045S-6R8

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-6P-XXX ABRACON-ASPI-6P-XXX Datasheet
180Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
More results

Similar Description - ASPI-6045S-6R8

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-2010HC ABRACON-ASPI-2010HC Datasheet
1Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2012 ABRACON-ASPI-2012 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
12.18.13
ASPI-4030S ABRACON-ASPI-4030S Datasheet
2Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
03.09.13
ASPI-8040S ABRACON-ASPI-8040S Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.03.14
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-4020S ABRACON-ASPI-4020S Datasheet
2Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
03.07.13
logo
HALO Electronics, Inc.
HPC104N-R22MTR HALO-HPC104N-R22MTR Datasheet
1,019Kb / 6P
   SMD, Magnetically Shielded Power Inductor
logo
Sumida Corporation
252010CDMCDS SUMIDA-252010CDMCDS Datasheet
155Kb / 2P
   SMD Power Inductor, Magnetically shielded
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
   WIRE WOUND SMD INDUCTOR
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com