Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQG22124 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AQG22124
Description  Slim type SSR for 1A and 2A control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQG22124 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AQG22124 Datasheet HTML 1Page - Panasonic Semiconductor AQG22124 Datasheet HTML 2Page - Panasonic Semiconductor AQG22124 Datasheet HTML 3Page - Panasonic Semiconductor AQG22124 Datasheet HTML 4Page - Panasonic Semiconductor AQG22124 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AQ-G
ASCTB23E 201201-T1
Recommended Temperature Controllers
48mm
56mm
1.890inch
2.205inch
48mm
1.890inch
<KT4H Temperature Controller>
Our temperature controller is recommended for use with our Solid State Relays.
Features
• Space saving requiring only a depth of 65 mm
• Data collection possible through a PLC using RS485 communication
• Tool port is standard for easy data setting
• Inverted LCD + backlight for good legibility with large characters
• Excellent operability and rich optional control functions
Substitute part numbers
*For detailed product information about temperature controllers, please refer to our website:
http://industrial.panasonic.com/ac/e/
Power supply
Control output
Part No.
100 to 240 V AC
Non-contact voltage output
AKT4H112100


Similar Description - AQG22124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQCD3-IM100VAC PANASONIC-AQCD3-IM100VAC Datasheet
100Kb / 5P
   Miniature DIL SSR 1A control type for PCBs Copying equipment Copying equipment
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
logo
Xiamen silicon-top opto...
YAS2 SILICON-TOP-YAS2 Datasheet
848Kb / 6P
   700V 2A SSR
logo
Sharp Corporation
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
   8-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
   8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
   8-Pin DIP Type SSR for Low Power Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com