Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQG12112 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQG12112
Description  Slim type SSR for 1A and 2A control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQG12112 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQG12112 Datasheet HTML 1Page - Panasonic Semiconductor AQG12112 Datasheet HTML 2Page - Panasonic Semiconductor AQG12112 Datasheet HTML 3Page - Panasonic Semiconductor AQG12112 Datasheet HTML 4Page - Panasonic Semiconductor AQG12112 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AQ-G
ASCTB23E 201201-T1
RATING
1. Ratings (Ambient temperature: 20
°C 68°F, Input voltage ripple: 1% or less)
1) Zero-cross type
2) Random type
Notes: *1. Refer to REFERENCE DATA “3. Input current vs. input voltage characteristics”.
*2. Refer to REFERENCE DATA “1. Load current vs. ambient temperature”.
*3. Refer to REFERENCE DATA “2. Non-repetitive surge current vs. carrying time”.
*4. When the load current is less than the rated minimum load current, please refer to “Cautions for Use of SSR”.
2. Characteristics (Ambient temperature: 20
°C 68°F, Input voltage ripple: 1% or less)
Item
Type
Part No.
Remarks
AQG12105
AQG12112
AQG12124
AQG22105
AQG22112
AQG22124
Input
side
Input voltage
4 to 6 V DC
9.6 to 14.4 V DC
19.2 to 28.8 V DC
4 to 6 V DC
9.6 to 14.4 V DC
19.2 to 28.8 V DC
*1
Input impedance
Approx. 0.3k
Approx. 0.8k
Approx. 1.6k
Approx. 0.3k
Approx. 0.8k
Approx. 1.6k
Drop-out
voltage, min.
1 V
Reverse voltage
3 V
Load
side
Max. load current
1 A AC*2
2 A AC*2
1A:
Ta = Max. 40
°C 104°F
2A:
Ta = Max. 25
°C 77°F
Load voltage
75 to 264 V AC
Frequency
45 to 65 Hz
Non-repetitive
surge current
8 A*3
30 A*3
In one cycle at 60 Hz
Max. “OFF-state”
leakage current
1.5 mA
at 60 Hz at 200 V AC
Max. “ON-state”
voltage drop
1.6 V
at Max. carrying
current
Min. load current
20 mA*4
Item
Type
Part No.
Remarks
AQG12205
AQG12212
AQG12224
AQG22205
AQG22212
AQG22224
Input
side
Input voltage
4 to 6 V DC
9.6 to 14.4 V DC
19.2 to 28.8 V DC
4 to 6 V DC
9.6 to 14.4 V DC
19.2 to 28.8 V DC
*1
Input impedance
Approx. 0.3k
Approx. 0.8k
Approx. 1.6k
Approx. 0.3k
Approx. 0.8k
Approx. 1.6k
Drop-out
voltage, min.
1 V
Reverse voltage
3 V
Load
side
Max. load current
1 A AC*2
2 A AC*2
1A:
Ta = Max. 40
°C 104°F
2A:
Ta = Max. 25
°C 77°F
Load voltage
75 to 264 V AC
Frequency
45 to 65 Hz
Non-repetitive
surge current
8 A*3
30 A*3
In one cycle at 60 Hz
Max. “OFF-state”
leakage current
1.5 mA
at 60 Hz at 200 V AC
Max. “ON-state”
voltage drop
1.6 V
at Max. carrying
current
Min. load current
20 mA*4
Item
Zero-cross type
Random type
Remarks
Operate time max.
1/2 cycle of voltage sine wave + 1 ms
1 ms
Release time, max.
1/2 cycle of voltage sine wave + 1 ms
Insulation resistance, min.
109
Ω between input and output
at 500 V DC
Breakdown voltage
3,000 Vrms between input and output
for 1 min.
Vibration resistance
10 to 55 Hz double amplitude of 0.75 mm
X, Y, Z axes
Shock resistance
Min. 1,000 m/s2
X, Y, Z axes
Ambient temperature
–30
°C to +80°C –22°F to +176°F
Non-condensing at low
temperatures
Storage temperature
–30
°C to +100°C –22°F to +212°F
Operational method
Zero-cross (Turn-ON and Turn-OFF)
Random turn ON, zero-cross turn OFF


Similar Description - AQG12112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQCD3-IM100VAC PANASONIC-AQCD3-IM100VAC Datasheet
100Kb / 5P
   Miniature DIL SSR 1A control type for PCBs Copying equipment Copying equipment
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
logo
Xiamen silicon-top opto...
YAS2 SILICON-TOP-YAS2 Datasheet
848Kb / 6P
   700V 2A SSR
logo
Sharp Corporation
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
   8-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
   8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
   8-Pin DIP Type SSR for Low Power Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com