Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9CRA0312P4J03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9CRA0312P4J03
Description  Counter Roating Fan San Ace 38
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9CRA0312P4J03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9CRA0312P4J03 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9CRA0312P4J03 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
187
4-
φ3.5±0.3
+30
320
0
+30
320
0
(10)
(10)
48
±0.5
(5)(5)
4-
φ3.5±0.3
30
±0.3
38
±0.5
リード線
AWG28
UL1007
回転方向
風吹出方向
回転方向
取付用穴
取付用穴
37
30
±0.3
(16)
4-
φ3.7
4.8
±0.5
4-
φ4±0.15
φ1.
6
φ1.6
φ
27
38mmsq.
Counter Rotating Fan
48mm thick (CRA type)
San Ace 38
General Specifications
Material……………………Frame: Plastics (Flammability: UL94V-0),
Impeller: Plastics (Flammability: UL94V-1)
Expected Life ……………Refer to specificationsL10:Survival rate:90% at 60,
rated voltage, and continuously run in a free air state
Lead Wire …………………Inlet
red
black Sensor yellow Control brown
Outlet
orange
gray
Sensor
purple Control white
Storage Temperature …−30to 70℃(Non-condensing
DimensionsUnit : mm
Reference dimension of
mounting holes and vent openingUnit : mm
Inlet side, Outlet side
CRA type
Rotating Direction
Rotating Direction
Air Flow Direction
Lead Wire
38×38×48mm
Mass80g
Model No.
Rated Voltage Operating Voltage Range
PWM duty
cycle※[%]
Rated Current Rated Input
Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
[V][V][A][W][min
-1
[m³/min] [CFM][Pa][inchH²O][dB(A)][℃]
[h]
Inlet
Outlet
9CRA0312P4K03
12
10.8 to 13.2
100
1.5
18.0
17,600 14,520
0.77
27.2
700.0
2.81
64
20 to 70
40,000
0
0.2
2.4
5,280
4,200
0.22
7.8
54.9
0.22
33
9CRA0312P4J03
100
1.1
13.2
16,000 13,200
0.7
24.7
560.0
2.25
62
0
0.18
2.2
4,800
3,960
0.21
7.4
50.4
0.20
31
PWM Frequency25kHz
OptionsUnit : mm
Finger guards
Model:109-1065
Surfacetreatment:Nickel-chromeplating(silver)
Color
Inlet side, Outlet side
Inlet side
Outlet side
Mounting Hole
Mounting Hole
Specifications The following nos. have PWM controls and pulse sensors.
Available options: Without Sensor
Pulse Sensor


Similar Part No. - 9CRA0312P4J03

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9CRA0312P4J03 SANYODENKI-9CRA0312P4J03 Datasheet
189Kb / 2P
   Counter Rotating Fan San Ace 38 9CRA type
More results

Similar Description - 9CRA0312P4J03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9CRA0412K501 ETC2-9CRA0412K501 Datasheet
106Kb / 2P
   Counter Roating Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9CRA0312P4K03 SANYODENKI-9CRA0312P4K03 Datasheet
189Kb / 2P
   Counter Rotating Fan San Ace 38 9CRA type
logo
List of Unclassifed Man...
9CRE0412P5J03 ETC2-9CRE0412P5J03 Datasheet
111Kb / 2P
   Counter Rotating Fan San Ace 40
9CRB0412P5S201 ETC2-9CRB0412P5S201 Datasheet
137Kb / 2P
   Counter Rotating Fan San Ace 40
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
   Counter Rotating Fan San Ace 80
logo
SANYO DENKI CO., LTD.
9CR5748P9G001 SANYODENKI-9CR5748P9G001 Datasheet
167Kb / 3P
   Counter Rotating Fan San Ace 172 9CR type
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
   Counter Rotating Fan San Ace 60 9CR type
9CRE0612P0G001 SANYODENKI-9CRE0612P0G001 Datasheet
160Kb / 2P
   Counter Rotating Fan San Ace 60 9CRE type
9CRB0812P8G001 SANYODENKI-9CRB0812P8G001 Datasheet
220Kb / 2P
   Counter Rotating Fan San Ace 80 9CRB type
9CRD0412P5J03 SANYODENKI-9CRD0412P5J03 Datasheet
231Kb / 3P
   Counter Rotating Fan San Ace 40 9CRD type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com