Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6522-TR2G Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6522-TR2G
Description  7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6522-TR2G Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6522-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Biasing and Operation
The AMMP-6522 is normally biased with a positive
drain supply connected to the Vd pin and a negative
gate voltage connected to the Vg pin through bypass
capacitors as shown in Figure 17. The recommended
drain supply voltage is 4 V and gate bias voltage is -1V.
The corresponding currents are 75 mA and 0.1 mA re-
spectively. The typical required LO level is +15 dBm and
it should come from a low noise driver to ensure that
overall Front End NF is low.
The image rejection performance is dependent on the
selection of the IF quadrature hybrid. The performance
of the IF hybrid as well as the phase balance and VSWR
of the interface to the AMMP-6522 will affect the overall
front end performance.
There is minimal performance degradation if Vdd is
lowered to 3 V or raised to 5 V. If lower current is re-
quired, then Vd = 3 V will provide considerably similar RF
performance.
Figure 17. Application of receiver with IF Balun
The recommended Vg is -1 V. However, depending on
the operating frequency, Vg can be changed to achieve
better performance for that particular frequency.
Please refer to Figures 9 and 10 for how to best select the
appropriate Vg for the intended frequency of operation.
Theoretically IF frequencies can be as low as DC. However,
when direct conversion is used (IF = DC), a so-called
phenomenon DC-offset could occur at the two IF
outputs. In most practical applications, IF should be
more than a few hundreds kHz to avoid DC-offset cor-
rection.
Refer the Absolute Maximum Ratings table for allowed
DC and thermal condition.
RF
IF1
LSB
NC
IF2
Vd
Vd
USB
LO
IF
RF
1000 pF
NC
Vg
LO
LO
+15 dBm
IF
1-3.5 GHz
USB
TOP VIEW
PACKAGE BASE: GND
IF
Vg
1000 pF
LSB


Similar Part No. - AMMP-6522-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522-TR2G AVAGO-AMMP-6522-TR2G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6522-TR2G BOARDCOM-AMMP-6522-TR2G Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
More results

Similar Description - AMMP-6522-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6522 BOARDCOM-AMMP-6522 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver
AMMP-6532 AVAGO-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver
AMMP-6222 AVAGO-AMMP-6222 Datasheet
606Kb / 12P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
AMMP-6222 AVAGO-AMMP-6222_15 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232 Datasheet
558Kb / 9P
   18 TO 32 GHZ GAAS HIGH LINEARITY LNA IN SMT PACKAGE
AMMP-6232 AVAGO-AMMP-6232_13 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com