Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6522-BLKG Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6522-BLKG
Description  7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6522-BLKG Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6522-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMMP-6522
7 to 20 GHz GaAs MMIC LNA/IRM Receiver
in SMT Package
Data Sheet
Features
• 5x5 mm Surface Mount Package
• Integrated Low Noise Amplifier
• Integrated Image Reject Mixer
• 50 Ω Input and Output Match
• Single Supply Bias Pin
Specifications Vd = 4.0 V (75 mA), Vg = -1.0 V (0.1 mA)
• RF frequency: 7 to 20 GHz
• IF frequency: DC to 3.5 GHz
• Conversion Gain (RF/IF): 13 dB
• Input Intercept Point: -4 dBm
• Image Suppression: 15 dB
• Total Noise Figure: 2.4 dB
Application
• Microwave radio systems
• Satellite VSAT, DBS Up/Down Link
• LMDS & Pt-Pt mmW Long Haul
• Broadband Wireless Access (including 802.16 and
802.20 WiMax)
• WLL and MMDS loops
Functional Block Diagram
Description
Avago’s AMMP-6522 is an easy-to-use broadband inte-
grated receiver in a surface mount package. The MMIC
includes a 3-stage LNA to provide gain amplification
and a gate-pumped image-reject mixer for frequency
translation. The overall receiver performs Single Side
Band down-conversion in the 7 to 20 GHz RF signal
range. The LO and RF are matched to 50 Ω. The IF
output is provided in 2-port format where an external
90-degree hybrid can be utilized for full image rejection.
The LNA requires a 4V, 75 mA power supply, where the
mixer bias is a simple -1V, 0.1 mA. The MMIC is fabricated
using PHEMT technology. The surface mount package
allows elimination of “chip & wire” assembly for lower
cost. This MMIC is a cost effective alternative to multi-
chip solution that have higher loss and complex assem-
bly.
Package Diagram
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A) :40V
ESD Human Body Model (Class 1A) :150V
Refer to Avago Technologies Application Note A004R:
Electrostatic Discharge, Damage and Control.
Note: MSL Rating = Level 2A
PIN
1
2
3
4
5
6
7
8
FUNCTION
IF1
NC
IF2
LO
Vg
NC
Vd
RF
7
6
5
1
2
3
4
8
TOP VIEW
PACKAGE BASE: GND
RF
IF1
NC
IF2
Vd
NC
Vg
LO
1
2
3
7
5
6
4
8


Similar Part No. - AMMP-6522-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522-BLKG AVAGO-AMMP-6522-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6522-BLKG BOARDCOM-AMMP-6522-BLKG Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
More results

Similar Description - AMMP-6522-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6522 BOARDCOM-AMMP-6522 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver
AMMP-6532 AVAGO-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver
AMMP-6222 AVAGO-AMMP-6222 Datasheet
606Kb / 12P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
AMMP-6222 AVAGO-AMMP-6222_15 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232 Datasheet
558Kb / 9P
   18 TO 32 GHZ GAAS HIGH LINEARITY LNA IN SMT PACKAGE
AMMP-6232 AVAGO-AMMP-6232_13 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com