Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US891 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # US891
Description  Two-Coil Fan Driver ??High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US891 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button US891 Datasheet HTML 2Page - Melexis Microelectronic Systems US891 Datasheet HTML 3Page - Melexis Microelectronic Systems US891 Datasheet HTML 4Page - Melexis Microelectronic Systems US891 Datasheet HTML 5Page - Melexis Microelectronic Systems US891 Datasheet HTML 6Page - Melexis Microelectronic Systems US891 Datasheet HTML 7Page - Melexis Microelectronic Systems US891 Datasheet HTML 8Page - Melexis Microelectronic Systems US891 Datasheet HTML 9Page - Melexis Microelectronic Systems US891 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3901000890
Rev 003
According to the electrical specification
VDD < 5.5V, TON/TOFF time peri
The periods increase with ope
VDD > 7V, TON/TOFF time periods
The periods at high voltage ar
5.5V < VDD < 7V, the switching
A small hysteresis is implemen
The typical mean threshold bet
This facilitates driving heavier fans and
increased or decreased depending on the
The FG/RD output driver provides an
while switched ON. It can occur if a too
This protection reduces the risk of EO
US890 /
Two-Coil Fan Driver – High Ou
Page 6 of 12
on table and the figure above, three behaviours can o
iods are longer (from 0.53s / 3.2s typical at 5.5V)
perating voltage to improve start-up at very low voltage
ods are shorter (0.25s / 1.5s typical)
re about twice as short as at low voltage
ng event may slightly vary, but is kept within these lim
mented to avoid oscillation around the threshold voltage.
between the hysteresis is around 6.1V (TA=25°C).
and motors with large inertia without any external compon
on the fan supply voltage VDD).
over current protection limiting the current flowing in
too small pull-up resistor is used or if this resistor is sho
OS damage on the FG/RD driver.
0 / US891
utput Current
Data Sheet
Apr/12
occur:
e.
mits.
e.
ponent (TON/TOFF is
the FG/RD driver
hort connected.


Similar Part No. - US891

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US891 MELEXIS-US891 Datasheet
316Kb / 12P
   Two-Coil Fan Driver - High Output Current
US891EVK MELEXIS-US891EVK Datasheet
316Kb / 12P
   Two-Coil Fan Driver - High Output Current
More results

Similar Description - US891

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890 MELEXIS-US890 Datasheet
316Kb / 12P
   Two-Coil Fan Driver - High Output Current
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
logo
Prolific Technology Inc...
PT3907 PROLIFIC-PT3907 Datasheet
391Kb / 1P
   Double Coil High Output Current Fan Driver
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com