Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US62 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # US62
Description  Two-coil Fan Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US62 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  US62_14 Datasheet HTML 1Page - Melexis Microelectronic Systems US62_14 Datasheet HTML 2Page - Melexis Microelectronic Systems US62_14 Datasheet HTML 3Page - Melexis Microelectronic Systems US62_14 Datasheet HTML 4Page - Melexis Microelectronic Systems US62_14 Datasheet HTML 5Page - Melexis Microelectronic Systems US62_14 Datasheet HTML 6Page - Melexis Microelectronic Systems US62_14 Datasheet HTML 7Page - Melexis Microelectronic Systems US62_14 Datasheet HTML 8Page - Melexis Microelectronic Systems US62_14 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3901000062
Rev 003
Features and Benefits
0
Low cost
0
High sensitivity Hall Sensor
0
Locked rotor protection and auto-r
0
Power-efficient CMOS and power
0
Built-in output protection clamping
0
Integrated tachometer (US62) or a
signal protected output
0
2-coil fan driver with FG/RD output
4-pin VK package RoHS Compliant
Ordering Code
Product Code
Temperature Code
US63
E
US62
E
Legend:
Temperature Code:
E for Temperature Range
Package Code:
VK for
Option Code:
xxx-000: standard Version
Packing Form:
BU for Bulk
Ordering example:
US63EVK
1 Functional Diagram
US62 /
Two-c
Page 1 of 11
restart
er MOSFETs
ng diode
alarm (US63)
ut in
ant
Application Exampl
0
5/12V fans
0
Peak current up to 700mA
Package Code
Option Code
Packing Form Code
VK
AAA-000
BU
VK
AAA-000
BU
for Temperature Range -40°C to 85°C
VK for Plastic Single in Line
000: standard Version
BU for Bulk
US63EVK-AAA-000-BU
2 General Descriptio
The US62/63 is a one-chip solu
coil brushless DC cooling fans.
Based on the advanced Melexi
the IC contains a Hall-effect sen
offset correction and low side o
Frequency Generator or Rotati
available. The open-drain output
connectivity with any external inte
hardware monitoring or Super I/O
These features are combined w
patented no-VDD design to fit th
pin VK package.
62 / US63
coil Fan Driver
Data Sheet
Apr/12
les
A
Packing Form Code
BU
BU
ion
ution for driving two-
.
is CMOS process,
ensor, dynamic
output drivers.
ion Detection is
utput makes easier the
nterface such as
I/O IC.
with the Melexis
he IC in a small 4-


Similar Part No. - US62_14

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US62EVK MELEXIS-US62EVK Datasheet
408Kb / 11P
   Two-coil fan driver
More results

Similar Description - US62_14

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
US890 MELEXIS-US890 Datasheet
316Kb / 12P
   Two-Coil Fan Driver - High Output Current
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
US890 MELEXIS-US890_14 Datasheet
813Kb / 12P
   Two-Coil Fan Driver ??High Output Current
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Melexis Microelectronic...
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com