Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALQ305 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ALQ305
Description  1 Form A/1 Form C 10A Small power relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALQ305 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ALQ305 Datasheet HTML 1Page - Panasonic Semiconductor ALQ305 Datasheet HTML 2Page - Panasonic Semiconductor ALQ305 Datasheet HTML 3Page - Panasonic Semiconductor ALQ305 Datasheet HTML 4Page - Panasonic Semiconductor ALQ305 Datasheet HTML 5Page - Panasonic Semiconductor ALQ305 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LQ (ALQ)
ASCTB92E 201206-T
3. Expected electrical life
Condition: Resistive load, at 20
°C 68°F, at 20 times/min., with diode
REFERENCE DATA
Type
Switching capacity
No. of operations
1 Form A (at 20 times/min.)
10 A 125 V AC
5 A 250 V AC
5 A 30 V DC
5
×104
5
×104
105
1 Form C (at 20 times/min.)
N.O.
10 A 125 V AC
5 A 250 V AC
5 A 30 V DC
5
×104
5
×104
105
N.C.
3 A 125 V AC
2 A 250 V AC
1 A 30 V DC
2
×105
2
×105
105
1.-(1) Max. switching capacity (1 Form A type)
1.-(2) Max. switching capacity (1 Form C type)
2. Life curve
Ambient temperature: room temperature
1,000
AC resistive load
100
10
250
100
10
5
1
Contact voltage, V
1,000
250
100
10
100
10
5
3
2
1
Contact voltage, V
AC resistive load N.O. side
AC resistive load N.C. side
125V AC resistive load
250V AC resistive load
10
8
6
4
2
0
100
10
1
Contact current, A
3.-(1) Coil temperature rise (1 Form A type)
Contact carrying current: 5 A, 10 A
Measured portion: Inside the coil
3.-(2) Coil temperature rise (1 Form C type)
Contact carrying current: 5 A, 10 A
Measured portion: Inside the coil
4.-(1) Ambient temperature characteristics
(1 Form A type)
Contact carrying current: 5 A, 10 A
180
160
140
120
100
Coil applied voltage, %V
70
60
50
40
30
20
10
0
10 A at 70
°C
5 A at 70
°C
5 A at 85
°C
10 A at 85
°C
160
150
140
130
120
110
100
Coil applied voltage, %V
70
60
50
40
30
20
10
0
10 A at 70
°C
10 A at 85
°C
5 A at 85
°C
5 A at 70
°C
020
30
405060708090
Ambient temperature,
°C
400
300
200
100
1
2
3
4
5
6
7
4.-(2) Ambient temperature characteristics
(1 Form C type)
Contact carrying current: 5 A, 10 A
1 Allowable ambient temperature against
% coil voltage (max. inside the coil temperature
set as 130
°C 266°F) (Carrying current: 5 A)
2 Allowable ambient temperature against
% coil voltage (max. inside the coil temperature
set as 130
°C 266°F) (Carrying current: 10 A)
3 Allowable ambient temperature against
% coil voltage (max. inside the coil temperature
set as 115
°C 239°F) (Carrying current: 5 A)
4 Allowable ambient temperature against
% coil voltage (max. inside the coil temperature
set as 115
°C 239°F) (Carrying current: 10 A)
5 Pick-up voltage with a hot-start condition
of 100%V on the coil (Carrying current: 10 A)
6 Pick-up voltage with a hot-start condition
of 100%V on the coil (Carrying current: 5 A)
7 Pick-up voltage
020
30405060708090
Ambient temperature,
°C
400
300
200
100
1
2
3
4
5
6
7


Similar Part No. - ALQ305

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ35F48 ASTEC-ALQ35F48 Datasheet
97Kb / 2P
   40 Amps
logo
Emerson Network Power
ALQ35F48 EMERSON-NETWORKPOWER-ALQ35F48 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
More results

Similar Description - ALQ305

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
   1 Form A Solid-State Relays
March 21, 2001-14
logo
Siemens Semiconductor G...
LH1527 SIEMENS-LH1527 Datasheet
144Kb / 25P
   1 Form C
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
Infineon Technologies A...
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
   Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
   Dual 1 Form A Solid-State Relays
Rev. 1.4, 26-Oct-04
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com