Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR131D Datasheet(PDF) 1 Page - Sanken electric

Part # NR131D
Description  Ultra light load high efficiency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

NR131D Datasheet(HTML) 1 Page - Sanken electric

  NR131D Datasheet HTML 1Page - Sanken electric NR131D Datasheet HTML 2Page - Sanken electric NR131D Datasheet HTML 3Page - Sanken electric NR131D Datasheet HTML 4Page - Sanken electric NR131D Datasheet HTML 5Page - Sanken electric NR131D Datasheet HTML 6Page - Sanken electric NR131D Datasheet HTML 7Page - Sanken electric NR131D Datasheet HTML 8Page - Sanken electric NR131D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Ultra light load high efficiency,VIN=17V,Current mode Step-down Io=3A Buck Regulator IC
NR130D series
SANKEN ELECTRIC CO., LTD.
Sep/10/2013
Rev.1.1
1
http://www.sanken-ele.co.jp
Tentative
General Descriptions
The NR130D series is buck regulator ICs integrates
High-side power MOSFETs. With the current mode
control, ultra low ESR capacitors such as ceramic
capacitors can be used. The ICs can realize super-high
efficiency by performing pulse skip operation at light
load condition. The ICs have protection functions such as
Over-Current Protection (OCP), Under-Voltage Lockout
(UVLO) and Thermal Shutdown (TSD). Soft starting
time can be set up by selecting an external capacitor
value. The ON/OFF pin (EN Pin) turns the regulator on
or off and helps to achieve low power consumption
requirements. The NR130D series is available in an 8-pin
DIP package.
Features & Benefits
 Current mode PWM control
 Up to 94% efficiency at normal load condition
 Up to 85% efficiency at light load condition
 Stable with low ESR ceramic output capacitors
 Built-in protection function
Over Current Protection (OCP)
Thermal Shutdown (TSD)
Under Voltage Lockout (UVLO)
 Built-in phase compensation
 Adjustable Soft-Start with an external capacitor
 Turn ON/OF the regulator function
Programable Pulse-Skip operation
Package
 DIP8
Electrical Characteristics
 3A Continuous output current
 Operating input range V
IN = 4.5V~17V
 Output adjustable V
O = 0.8V~14V
 Fixed 350kHz frequency
Applications
 LCD TV / Blu-Ray / Set top box
 Green Electronic products
 Other power supply
Typical Application Circuit
Arial 10pt
発行日
C1, C2: 10μF / 25V, C4, C5: 22μF / 16V, C7: 0.1μF, C9:1800pF, C11: 220pF(Option), R1: 510kΩ , R3: 10Ω, R4: 36 kΩ, R5: 27kΩ
(VO=5.0V), R6: 12kΩ, R7:510kΩ(Option), D1: SJPJ-L4, L1: 10μH
NR131D
For NR131D


Similar Part No. - NR131D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
661Kb / 15P
   Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
660Kb / 15P
   The NR130 series is buck regulator ICs integrates High-side power MOSFETs.
Rev.1.2 Sep/10/2013
More results

Similar Description - NR131D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
661Kb / 15P
   Ultra light load high efficiency
NR132A SANKEN-NR132A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
   Light Load High Efficiency
logo
Analog Intergrations Co...
AIC3412 AIC-AIC3412 Datasheet
394Kb / 9P
   Low IQ High Light Load Efficiency
logo
Sanken electric
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
   Light Load High Efficiency, 31V, Buck Regulator
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
   Light Load High Efficiency, 31V, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com