Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q415 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ML610Q415
Description  8-bit Microcontroller with a Built-in LCD driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q415 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ML610Q415 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q415 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q415 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q415 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q415 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q415 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q415 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610Q415 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML610Q415 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
FEDL610Q411-02
LAPIS Semiconductor
ML610Q411/ML610Q412/ML610Q415
10/36
ML610Q412 Chip Pin Layout & Dimension
SEG21
91
SEG22
92
SEG23
93
SEG24
94
SEG25
95
SEG26
96
47 VSS
SEG27
97
46 VDD
SEG28
98
45 VSS
SEG29
99
44 P03
SEG30 100
43 P02
SEG31 101
42 P01
SEG32 102
41 P00
SEG33 103
40 NMI
SEG34 104
39 P11
SEG35 105
38 P10
SEG43 106
37 (NC)
SEG42 107
36 AIN1
SEG41 108
35 AIN0
SEG40 109
SEG39 110
SEG38 111
SEG37 112
SEG36 113
*
2.836mm
2.636mm
* Dummy pad
Note: These dummy pads are visible and do have any function, they are placed for a mechanical evaluation
in LAPIS Semiconductor. Please do NOT implement wire-bonding to the dummy pad.
Chip size:
2.836mm x 2.636mm
PAD count:
95 pins
Minimum PAD pitch:
80
m
PAD aperture:
70
m  70 m
Chip thickness:
350
m
Voltage of the rear side of chip: VSS level
Figure 6 ML610Q412 Chip Layout & Dimension


Similar Part No. - ML610Q415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q415 ETC2-ML610Q415 Datasheet
639Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com