Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP0-E8YRS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # FP0-E8YRS
Description  4-axis pulse output in a compact body
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FP0-E8YRS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  FP0-E8YRS Datasheet HTML 1Page - Panasonic Semiconductor FP0-E8YRS Datasheet HTML 2Page - Panasonic Semiconductor FP0-E8YRS Datasheet HTML 3Page - Panasonic Semiconductor FP0-E8YRS Datasheet HTML 4Page - Panasonic Semiconductor FP0-E8YRS Datasheet HTML 5Page - Panasonic Semiconductor FP0-E8YRS Datasheet HTML 6Page - Panasonic Semiconductor FP0-E8YRS Datasheet HTML 7Page - Panasonic Semiconductor FP0-E8YRS Datasheet HTML 8Page - Panasonic Semiconductor FP0-E8YRS Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AFPX-C60
(Add-on cassette attached)
AFPX-C30
(Add-on cassette attached)
AFPX-C14
(Add-on cassette attached)
2
3
The processing speed of 0.32
µsec, sufficient for a compact PLC, is
even applicable when high-speed scanning is required.
*1: A 5-kstep program consisting of 35% basic instructions and 65% applied instructions
(data transfer, four operations)
4-axis pulse output in a compact body
Simultaneous 2-axis linear interpolation is
possible in two pairs
Servomotor and stepping motor control in production equipment has become increasingly
diversified while requiring a greater number of axes – for example, electronic control for
replacing cams, XY table + Z-axis control for cell-production and LCD alignment, 3D bending
process of corrugated paper boxes and heat exchanger pipes, high-density coil winding
operations etc. With such applications in mind, FP-X is a compact general-purpose PLC
suited for small-scale equipment controls with its 4-axis pulse output built into the compact
body, enabling multi-axis control in a very small space at a fraction of the equipment cost.
Ultra High-speed Processing
Easy-to-use Temperature Control
Command (F356 EZPID)
MEWTOCOL Master Function
Ethernet Add-on Unit (Available Soon)
Trace Function
High-speed scan of 0.32
µs for a basic instruction
(1.9 ms scan time for 5 ksteps*1)
High Security
Program protection with an 8-digit password and a function
prohibiting uploads
USB-port Equipped*3
Easy direct connection with a PC via a commercial USB
cable (AB type)
*3: Not provided with C14.
(C14 comes with 3 axes)
New Functions
Introducing
a Transistor
Output Type
The program capacity of 32 ksteps, exceeding the capacity of most
compact PLCs, can flexibly handle a wide variety of applications
requiring future equipment expansion.
*2: C14: 16 ksteps
Large Capacity with an Extra Margin
Program capacity of 32 ksteps with a sufficient
comment area*2
The add-on cassette easily enables functional enhancements when
slightly more features are to be added, while keeping costs down.
The expansion FP0 adapter enables the connection of 3 additional
FP0 expansion units.
Great Expandability with a Wide
Variety of Options
Max. I/O expansion of 300 points and further expansion
with a function expansion cassette


Similar Part No. - FP0-E8YRS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
FP0-E8YPA PANASONIC-FP0-E8YPA Datasheet
2Mb / 24P
   Programmable Controllers
FP0-E8YTA PANASONIC-FP0-E8YTA Datasheet
2Mb / 24P
   Programmable Controllers
More results

Similar Description - FP0-E8YRS

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCI-7390 NI-PCI-7390 Datasheet
593Kb / 5P
   4-Axis Position (Pulse) Command Motion Controller
logo
Panasonic Battery Group
GT03_E PANASONICBATTERY-GT03_E Datasheet
204Kb / 1P
   Programmable Display for Harsh Environments in a Compact 3.5in Body
logo
National Instruments Co...
NIFP-PWM-520 NI-NIFP-PWM-520 Datasheet
201Kb / 4P
   Pulse-Width Modulation Output Module for Compact FieldPoint
logo
Adlink Technology Inc.
AMP-204C ADLINK-AMP-204C Datasheet
437Kb / 3P
   DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
logo
Advantech Co., Ltd.
AMAX-3110 ADVANTECH-AMAX-3110 Datasheet
423Kb / 2P
   Standalone 6-axis pulse train motion controller
14-May-2020
logo
Omron Electronics LLC
D6F-A3 OMRON-D6F-A3 Datasheet
256Kb / 2P
   High-accuracy Sensing with a Thin, Compact Body.
ES2-THB OMRON-ES2-THB Datasheet
183Kb / 4P
   in a Compact Body. Controller Set Provides Superior Humidity Control and Temperature/ Humidity Control.
logo
Communications & Power ...
VZX-3530J1 CPI-VZX-3530J1 Datasheet
154Kb / 2P
   5.0 kW Compact Pulse Amplifier
VZC-3530J1 CPI-VZC-3530J1 Datasheet
154Kb / 2P
   4.25 kW Compact Pulse Amplifier
VZS-3530J1 CPI-VZS-3530J1 Datasheet
154Kb / 2P
   4.25 kW Compact Pulse Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com