Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610347 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML610347
Description  8-bit Microcontroller with Voice Output Function
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610347 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML610347 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610347 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610347 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610347 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610347 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610347 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610347 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610347 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610347 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
FEDL610Q347FULL-01
ML610Q347/347
9/29
Primary function
Secondary function
Tertiary function
PAD
No
Pin name
I/O
Description
Pin name
I/O
Description
Pin name
I/O
Description
24
AIN4
I
Successive-approxim
ation type ADC input
23
AIN5
I
Successive-approxim
ation type ADC input
22
AIN6
I
Successive-approxim
ation type ADC input
21
AIN7
I
Successive-approxim
ation type ADC input
20
AIN8
I
Successive-approxim
ation type ADC input
19
AIN9
I
Successive-approxim
ation type ADC input
18
AIN10
I
Successive-approxim
ation type ADC input
17
AIN11
I
Successive-approxim
ation type ADC input
32
NMI
I
Input port,
non-maskable
interrupt
14
P00/EXI0
I
Input port / External
interrupt
13
P01/EXI1
I
Input port / External
interrupt
12
P02/EXI2/
RXD0
I
Input port / External
interrupt / UART0 data
input
11
P03/EXI3
I
Input port / External
interrupt
9
P04/EXI4/
T0P0CK
I
Input port / External
interrupt / Timer 0
external clock input
8
P05/EXI5/
T1P1CK
I
Input port / External
interrupt / Timer 1
external clock input
7
P06/EXI6
I
Input port / External
interrupt
6
P07/EXI7
I
Input port / External
interrupt
36
P20/LED0
O
Output port / LED
drive
LSCLK
O
Low-speed
clock output
35
P21/LED1
O
Output port / LED
drive
OUTCLK
O
high-speed
clock output
34
P22/LED2
O
Output port / LED
drive
33
P23/LED3
O
Output port / LED
drive
60
P30
I/O
Input/output port
59
P31
I/O
Input/output port
58
P32
I/O
Input/output port
57
P33
I/O
Input/output port
46
P34
I/O
Input/output port
45
P35
I/O
Input/output port
44
P36
I/O
Input/output port
LSCLK
O
Low-speed
clock output
43
P37
I/O
Input/output port
OUTCLK
O
high-speed
clock output
5
P40
I/O
Input/output port
SIN0
I
SSIO0 data
input
4
P41
I/O
Input/output port
SCK0
I/O
SSIO0
synchronous


Similar Part No. - ML610347

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610340 ETC2-ML610340 Datasheet
464Kb / 26P
   8-bit Microcontroller with Voice Output Function
ML610346 ETC2-ML610346 Datasheet
508Kb / 29P
   8-bit Microcontroller with Voice Output Function
More results

Similar Description - ML610347

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q304 ETC2-ML610Q304 Datasheet
624Kb / 28P
   8-bit Microcontroller with Voice Output Function
logo
LAPIS Semiconductor Co....
ML610Q304 LAPIS-ML610Q304 Datasheet
624Kb / 28P
   8-bit Microcontroller with Voice Output Function
logo
List of Unclassifed Man...
ML610Q340 ETC2-ML610Q340 Datasheet
464Kb / 26P
   8-bit Microcontroller with Voice Output Function
ML610Q380 ETC2-ML610Q380 Datasheet
480Kb / 29P
   8-bit Microcontroller with Voice Output Function
ML610Q360 ETC2-ML610Q360 Datasheet
782Kb / 30P
   8-bit Microcontroller with Voice Output Function
logo
LAPIS Semiconductor Co....
ML610Q359 LAPIS-ML610Q359 Datasheet
782Kb / 30P
   8-bit Microcontroller with Voice Output Function
logo
List of Unclassifed Man...
ML610Q346 ETC2-ML610Q346 Datasheet
508Kb / 29P
   8-bit Microcontroller with Voice Output Function
ML610Q380 ETC2-ML610Q380 Datasheet
480Kb / 29P
   8-bit Microcontroller with Voice Output Function
ML610Q359 ETC2-ML610Q359 Datasheet
782Kb / 30P
   8-bit Microcontroller with Voice Output Function
logo
Holtek Semiconductor In...
HT827A0 HOLTEK-HT827A0 Datasheet
302Kb / 49P
   8-Bit Microcontroller with Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com