Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMOZ43L Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMOZ43L
Description  ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ43L Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMOZ43L Datasheet HTML 1Page - Central Semiconductor Corp CMOZ43L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOD-523 CASE - MECHANICAL OUTLINE
CMOZ2L4 THRU CMOZ43L
ULTRAmini
LOW LEVEL ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
350mW, 5% TOLERANCE
R1 ( 1-October 2001)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS
VOLTS
VOLTS
µA
µA
VOLTS
CMOZ16L
15.20
16
16.80
250
100
1.0
14
P1
CMOZ18L
17.10
18
18.90
250
100
1.0
16
P2
CMOZ20L
19.00
20
21.00
250
150
1.0
18
P3
CMOZ22L
20.90
22
23.10
250
150
1.0
20
P4
CMOZ24L
22.80
24
25.20
250
150
1.0
22
P5
CMOZ27L
25.65
27
28.35
250
150
1.0
24
P6
CMOZ30L
28.50
30
31.50
250
200
1.0
27
P7
CMOZ33L
31.35
33
34.65
250
250
1.0
30
P8
CMOZ36L
34.20
36
37.80
250
200
1.0
33
P9
CMOZ39L
37.05
39
40.95
250
200
1.0
36
P0
CMOZ43L
40.85
43
45.15
250
250
1.0
40
R1
ELECTRICAL CHARACTERISTICS (CONTINUED):
LEAD CODE:
1) Cathode
2) Anode


Similar Part No. - CMOZ43L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ43L CENTRAL-CMOZ43L Datasheet
111Kb / 2P
   SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS
CMOZ43L CENTRAL-CMOZ43L Datasheet
347Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
CMOZ43L CENTRAL-CMOZ43L Datasheet
497Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
More results

Similar Description - CMOZ43L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678 Datasheet
56Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
   350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMPZDA3V6 CENTRAL-CMPZDA3V6 Datasheet
103Kb / 2P
   DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com