Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPT491E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT491E
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT491E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT491E Datasheet HTML 1Page - Central Semiconductor Corp CMPT491E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT491E
type is an NPN silicon transistor manufactured by
the epitaxial planar process, epoxy molded in a
surface mount package, designed for high
current, general purpose amplifier applications.
Marking Code is C49.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
1.0
A
Base Current
IB
200
mA
Collector Current (Peak)
ICM
2.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
100
nA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA
80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=100µA
5.0
V
VCE(SAT)
IC=500mA, IB=50mA
0.20
V
VCE(SAT)
IC=1.0A, IB=100mA
0.40
V
VBE(SAT)
IC=1.0A, IB=100mA
1.1
V
VBE(ON)
VCE=5.0V, IC=1.0A
1.0
V
hFE
VCE=5.0V, IC=1.0mA
200
hFE
VCE=5.0V, IC=500mA
200
600
hFE
VCE=5.0V, IC=1.0A
50
hFE
VCE=5.0V, IC=2.0A
15
fT
VCE=10V, IC=50mA, f=100MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
10
pF
CMPT491E
SURFACE MOUNT
NPN SILICON TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R2 ( 31-August 2001)


Similar Part No. - CMPT491E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT491E CENTRAL-CMPT491E_10 Datasheet
397Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT491E CENTRAL-CMPT491E_15 Datasheet
397Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMPT491E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com