Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q102 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML610Q102
Description  8-bit Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q102 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML610Q102 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML610Q102 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML610Q102 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML610Q102 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q102 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q102 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q102 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q102 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q102 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FEDL610Q101-01
Issue Date: Jan. 23, 2013
ML610Q101/ML610Q102
8-bit Microcontroller
1/21
GENERAL DESCRIPTION
This LSI is a high-performance 8-bit CMOS microcontroller into which rich peripheral circuits, such as timers, PWM, UART,
voltage level supervisor (VLS) function, and 10-bit successive approximation type A/D converter, are incorporated around 8-bit
CPU nX-U8/100.
The CPU nX-U8/100 is capable of efficient instruction execution in 1-intruction 1-clock mode by pipe line architecture parallel
processing.
The on-chip debug function that is installed enables program debugging and programming.
FEATURES
• CPU
− 8-bit RISC CPU (CPU name: nX-U8/100)
− Instruction system: 16-bit instructions
− Instruction set:
Transfer, arithmetic operations, comparison, logic operations, multiplication/division, bit manipulations, bit logic
operations, jump, conditional jump, call return stack manipulations, arithmetic shift, and so on
− On-Chip debug function
− Minimum instruction execution time
30.5
μs (@32.768kHz system clock)
0.122
μs (@8.192MHz system clock)
• Internal memory
ML610Q101 : Internal 4Kbyte Flash ROM (2K
×16 bits) (including unusable 32 byte test data area)
ML610Q102 : Internal 6Kbyte Flash ROM (3K
×16 bits) (including unusable 32 byte test data area)
− Internal 256byte data RAM (256×8 bits)
• Interrupt controller
− 1 non-maskable interrupt source (Internal source: 1)
− 21 maskable interrupt sources (Internal sources: 16, External sources: 5)
• Time base counter (TBC)
− Low-speed time base counter ×1 channel
− High-speed time base counter ×1 channel
• Watchdog timer (WDT)
− Non-maskable interrupt and reset
− Free running
− Overflow period: 4 types selectable (125ms, 500ms, 2s, and 8s)
• Timer
− 8 bits × 6 channels (16-bit configuration available)
− Support Continuos timer mode/one shot timer mode
− Timer start/stop function by software or external trigger input


Similar Part No. - ML610Q102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q102 ETC2-ML610Q102 Datasheet
437Kb / 21P
   8-bit Microcontroller
More results

Similar Description - ML610Q102

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com