Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-D14DWA Datasheet(PDF) 3 Page - Rohm

Part # SML-D14DWA
Description  Original device technology enables high brightness and high reliability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D14DWA Datasheet(HTML) 3 Page - Rohm

  SML-D14DWA Datasheet HTML 1Page - Rohm SML-D14DWA Datasheet HTML 2Page - Rohm SML-D14DWA Datasheet HTML 3Page - Rohm SML-D14DWA Datasheet HTML 4Page - Rohm SML-D14DWA Datasheet HTML 5Page - Rohm SML-D14DWA Datasheet HTML 6Page - Rohm SML-D14DWA Datasheet HTML 7Page - Rohm SML-D14DWA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-D14(A) series
lSpectrum Data
 
* Please take this data as a reference data for the samples are measured randomly.
* The data is relativized for each color. It is NOT to show the spectrum peaks are equal.
lViewing Angle
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
WAVELENGTH [nm]
SCANNING ANGLE (deg)
RELATIVE INTENSITY
SCANNING ANGLE (deg)
RELATIVE INTENSITY
IF=20mA
SML-D14VW(A)
SML-D14U2W(A)
SML-D14DW(A)
SML-D14YW(A)
SML-D14WW(A)
SML-D14MW(A)
Scanning
Direction
Scanning
Direction
3/7
2014.01 - Rev.A


Similar Part No. - SML-D14DWA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D14DW ROHM-SML-D14DW Datasheet
650Kb / 11P
   Original device technology enables high brightness
More results

Similar Description - SML-D14DWA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML-D1 ROHM-SML-D1 Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-P12YTT86 ROHM-SML-P12YTT86 Datasheet
919Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com