Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP775 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CP775
Description  P-Channel MOSFET Die Enhancement-Mode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP775 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CP775 Datasheet HTML 1Page - Central Semiconductor Corp CP775 Datasheet HTML 2Page - Central Semiconductor Corp CP775 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CP775
P-Channel MOSFET Die
Enhancement-Mode
MECHANICAL SPECIFICATIONS:
Die Size
90 x 60 MILS
Die Thickness
7.5 MILS
Gate Bonding Pad Area
14.1 x 18.8 MILS
Source Bonding Pad Area
52 x 88 MILS
Top Side Metalization
Al - 40,000Å
Back Side Metalization
Ti/Ni/Ag - 1,000Å/3,000Å/10,000Å
Scribe Alley Width
3.15 MILS
Wafer Diameter
8 INCHES
Gross Die Per Wafer
8,000
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current (Steady State)
ID
11
A
Maximum Pulsed Drain Current, tp=10μs
IDM
50
A
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR VGS=20V, VDS=0
100
nA
IDSS
VDS=30V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=250μA
30
V
VGS(th)
VGS=VDS, ID=250μA
1.0
1.4
3.0
V
VSD
VGS=0, IS=2.6A
1.3
V
rDS(ON)
VGS=10V, ID=11A
12
20
rDS(ON)
VGS=4.5V, ID=8.5A
15
30
Crss
VDS=8.0V, VGS=0, f=1.0MHz
450
pF
Ciss
VDS=8.0V, VGS=0, f=1.0MHz
3100
pF
Coss
VDS=8.0V, VGS=0, f=1.0MHz
320
pF
R0 (8-August 2013)
The CP775 medium power P-Channel MOSFET is designed for power management and load
switching applications. The 7.5 mil thick die provides an ultra low profile device that is readily
attached using standard die attach wire bond processes.
FEATURES:
• Low on-resistance, rDS(ON)
• Low gate charge, Qgs
• High drain current density
APPLICATIONS:
• Load switching
• Power management
• DC-DC conversion
www.centr a lsemi.
com


Similar Part No. - CP775

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP775-CWDM3011P CENTRAL-CP775-CWDM3011P Datasheet
942Kb / 6P
   P-Channel MOSFET Die Enhancement-Mode
R1 21-July 2017
CP775-CWDM3011P-CM CENTRAL-CP775-CWDM3011P-CM Datasheet
942Kb / 6P
   P-Channel MOSFET Die Enhancement-Mode
R1 21-July 2017
CP775-CWDM3011P-CT CENTRAL-CP775-CWDM3011P-CT Datasheet
942Kb / 6P
   P-Channel MOSFET Die Enhancement-Mode
R1 21-July 2017
CP775-CWDM3011P-WN CENTRAL-CP775-CWDM3011P-WN Datasheet
942Kb / 6P
   P-Channel MOSFET Die Enhancement-Mode
R1 21-July 2017
More results

Similar Description - CP775

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP771 CENTRAL-CP771 Datasheet
698Kb / 3P
   P-Channel MOSFET Die Enhancement-Mode
CP798X-CPDM302PH CENTRAL-CP798X-CPDM302PH Datasheet
737Kb / 4P
   P-Channel MOSFET Die Enhancement-Mode
R0 8-April 2019
CP805-CXDM4060P CENTRAL-CP805-CXDM4060P Datasheet
358Kb / 3P
   P-Channel MOSFET Die Enhancement-Mode
R1 17-February 2021
CP726X-CMLDM8120 CENTRAL-CP726X-CMLDM8120 Datasheet
471Kb / 4P
   P-Channel MOSFET Die Enhancement-Mode
R0 2-August 2016
CP776-CWDM305P CENTRAL-CP776-CWDM305P Datasheet
312Kb / 3P
   P-Channel MOSFET Die Enhancement-Mode
R0 28-March 2019
CP761X-CEDM8001 CENTRAL-CP761X-CEDM8001 Datasheet
873Kb / 4P
   P-Channel MOSFET Die Enhancement-Mode
R0 29-August 2018
CP764R-8002A CENTRAL-CP764R-8002A Datasheet
823Kb / 5P
   P-Channel MOSFET Die Enhancement-Mode
R0 29-August 2018
CP764X-CMPDM8002 CENTRAL-CP764X-CMPDM8002 Datasheet
823Kb / 5P
   P-Channel MOSFET Die Enhancement-Mode
R0 5-August 2016
CP794R-CEDM8004 CENTRAL-CP794R-CEDM8004 Datasheet
463Kb / 4P
   P-Channel MOSFET Die Enhancement-Mode
R1 16-May 2017
CP773-CMPDM302PH CENTRAL-CP773-CMPDM302PH Datasheet
859Kb / 5P
   P-Channel MOSFET Die Enhancement-Mode
R0 25-August 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com