Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9WS1224H101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9WS1224H101
Description  San Ace 120WS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9WS1224H101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9WS1224H101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9WS1224H101 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
238
φ42.2
φ1.6 φ1.6
φ
113
152.5
+1.5
ー0.5
5
1
 0
4-2
±0.5
119
±1
104.8
±0.3
4-
φ4.3±0.3
7
±0.5
5
+1
 0
φ1.6
φ1.6
φ
11
3
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
140
120
100
80
60
40
20
90
80
70
60
50
40
30
20
10
0
12
3
4
13.2V/26.4V
12V/24V
6V/12V
9WS1212H101
9WS1224H101
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.25
0.20
0.15
0.10
0.05
0
20
40
60
80
100 120
60
50
40
30
20
10
0
123
13.8V/27.6V
12V/24V
6V/12V
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
140
120
100
80
60
40
20
90
80
70
60
50
40
30
20
10
0
12
3
4
52.8V
48V
40.8V
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.25
0.20
0.15
0.10
0.05
0
20406080
100 120
60
50
40
30
20
10
0
123
55.2V
48V
40.8V
9WS1248M101
9WS1248H101
9WS1212M101
9WS1224M101
M speed
H speed
M speed
H speed
Air Flow - Static Pressure Characteristics
Outlet side
OptionsUnit : mm
Resin Finger guards
Model:109-1000G
Finger guards
Model:109-019C
:109-019H
Surfacetreatment:Nickel-chromeplating(silver)
:Cationelectropainting(black)
Color
Inlet side, Outlet side
Model:109-019E
:109-019K
Surfacetreatment:Nickel-chromeplating(silver)
:Cationelectropainting(black)
Color
Air Flow
Air Flow
Air Flow
Air Flow


Similar Part No. - 9WS1224H101

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9WS0812F401 SANYODENKI-9WS0812F401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
9WS0812H401 SANYODENKI-9WS0812H401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
9WS0812M401 SANYODENKI-9WS0812M401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
9WS0824F401 SANYODENKI-9WS0824F401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
9WS0824H401 SANYODENKI-9WS0824H401 Datasheet
214Kb / 2P
   Splash Proof Fan San Ace 80WS 9WS type
More results

Similar Description - 9WS1224H101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
   San Ace Controller
9GV0612P1G03 SANYODENKI-9GV0612P1G03 Datasheet
255Kb / 4P
   San Ace 60
logo
List of Unclassifed Man...
109BF12HC2 ETC2-109BF12HC2 Datasheet
99Kb / 1P
   San Ace B120 BLOWER
logo
SANYO DENKI CO., LTD.
109P0812C601 SANYODENKI-109P0812C601 Datasheet
171Kb / 3P
   San Ace 80 9P
logo
List of Unclassifed Man...
9GA0812P7G001 ETC2-9GA0812P7G001 Datasheet
181Kb / 4P
   DC Fan San Ace 80
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com